Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZHT431F02TA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZHT431F02TA
Description  ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHT431F02TA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZHT431F02TA Datasheet HTML 1Page - Diodes Incorporated ZHT431F02TA Datasheet HTML 2Page - Diodes Incorporated ZHT431F02TA Datasheet HTML 3Page - Diodes Incorporated ZHT431F02TA Datasheet HTML 4Page - Diodes Incorporated ZHT431F02TA Datasheet HTML 5Page - Diodes Incorporated ZHT431F02TA Datasheet HTML 6Page - Diodes Incorporated ZHT431F02TA Datasheet HTML 7Page - Diodes Incorporated ZHT431F02TA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZHT431
ZHT431
Document number: DS32157 Rev. 11 - 2
2 of 8
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Voltages to GND Unless Otherwise Stated)
Parameter
Rating
Unit
Cathode Voltage (VZ)
20
V
Cathode Current
150
mA
Operating Temperature
-55 to 125
°C
Storage Temperature
-55 to 150
°C
Power Dissipation
(Tamb = 25°C, TJMAX = 150°C)
330
mW
Recommended Operating Conditions
Parameter
Min
Max
Units
Cathode Voltage VREF
-
20
V
Cathode Current
0.05
100
mA
Electrical Characteristics (Test conditions unless otherwise specified: Tamb = 25°C)
Symbol
Parameter
Values
Units
Conditions
Min.
Typ.
Max.
VREF
Reference Voltage
2%
1%
0.5%
2.45
2.475
2.4875
2.50
2.50
2.50
2.55
2.525
2.5125
V
IL=10mA (Fig.1),
VZ=VREF
VDEV
Deviation of reference input voltage
over temperature
10
30
mV
IL=10mA, VZ=VREF
Tamb=full range (Fig1)
ΔVREF
ΔVZ
Ratio of the change in reference voltage
to the change in cathode voltage
-1.85
-2.7
mV/V
VZ from VREF to 10V
IZ=10mA (Fig.2)
-1.0
-2.
mV/V
VZ from 10V to 20V
IZ=10mA (Fig.2)
IREF
Reference input current
0.12
1.0
µA
R1=10k, R2=O/C,
lL=10mA (Fig.2)
ΔIREF
Deviation of reference input current
over temperature
0.04
0.2
µA
R1=10k, R2=O/C,
IL=10mA Tamb=full range
(Fig.2)
IZmin
Minimum cathode current for regulation
35
50
µA
VZ=VREF (Fig.1)
IZoff
Off-state current
0.1
µA
VZ=20V, VREF=0V(Fig.3)
RZ
Dynamic output impedance
0.75
V
VZ=VREF (Fig.1), f=0Hz,
IC=1mA to 100mA
Deviation of reference input voltage, VDEV, is defined as the maximum variation of the reference input voltage over the full
temperature range.
The average temperature coefficient of the reference input voltage, VREF is defined as:
The dynamic output impedance, RZ, is defined as:
When the device is programmed with two external resistors, R1 and R2,
(fig 2) , the dynamic output impedance of the overall circuit, R’, is defined as:



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com