Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F75125 Datasheet(PDF) 21 Page - Feature Integration Technology Inc.

Part # F75125
Description  Serial VID, Parallel VID Translator for AMD AM2 and AM2
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F75125 Datasheet(HTML) 21 Page - Feature Integration Technology Inc.

Back Button F75125 Datasheet HTML 17Page - Feature Integration Technology Inc. F75125 Datasheet HTML 18Page - Feature Integration Technology Inc. F75125 Datasheet HTML 19Page - Feature Integration Technology Inc. F75125 Datasheet HTML 20Page - Feature Integration Technology Inc. F75125 Datasheet HTML 21Page - Feature Integration Technology Inc. F75125 Datasheet HTML 22Page - Feature Integration Technology Inc. F75125 Datasheet HTML 23Page - Feature Integration Technology Inc. F75125 Datasheet HTML 24Page - Feature Integration Technology Inc. F75125 Datasheet HTML 25Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Fintek
Feature Integration Technology Inc.
V0.16P
20
F75125
Note:
*1 SVID_IN[7] is output by the processor to the F75125
*2 SVID_OUT[7] is output by the F75125 to the Vcore voltage regulator
6.6 CORE_TYPE
The CORE_TYPE is used to indicate which kind of processor placed and which kind of VID codes should be issued
by the processor. According to AMD’s reference circuit, the VID[1] is recommended tied with CORE_TYPE. In AM2,
CORE_TYPE is floating, and VID[1] is driven to VDDIO by the processor. The processor will issue the parallel VID
codes. In AM2+, CORE_TYPE is tied to VSS at the package, and VID[1] is driven low via strap to ground. The
processor will issue the serial VID codes. CORE_TYPE is also connected to the F75125 to indicate which kind of
VID codes will be decoded.
6.7 Voltage Sense Input/ Voltage Sense Output
The Voltage Sense Input (VSI) and Voltage Sense Output (VSO) are designed for another option of over voltage,
especially beyond the VID table, 1.55V. Every step of over voltage is 1.5% more of the current voltage. Total tuning
steps are 32 steps, so the maximum tuning range up is to 2.325V.
Figure 4 VSI/VSO function illustration
VSI
VSO
VREF
_
+
F72815
F75125
VSI
VI
_
+
Multi-phase PWM
F75125
VREF
Vout
Vout
Vout=VREF*(1+n*0.01613)
n=0,1,2……31
VSO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com