Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMP1617DAX Datasheet(PDF) 3 Page - FIDELIX

Part # FMP1617DAX
Description  1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP1617DAX Datasheet(HTML) 3 Page - FIDELIX

  FMP1617DAX Datasheet HTML 1Page - FIDELIX FMP1617DAX Datasheet HTML 2Page - FIDELIX FMP1617DAX Datasheet HTML 3Page - FIDELIX FMP1617DAX Datasheet HTML 4Page - FIDELIX FMP1617DAX Datasheet HTML 5Page - FIDELIX FMP1617DAX Datasheet HTML 6Page - FIDELIX FMP1617DAX Datasheet HTML 7Page - FIDELIX FMP1617DAX Datasheet HTML 8Page - FIDELIX FMP1617DAX Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
FMP1617DAx
CMOS LPRAM
Revision 0.4
Jul. 2010
3
PRODUCT LIST
Part Name
Function
FMP1617DAx-H60E
FMP1617DAx-H70E
60ns, VCC=3.0V, VCCQ=3.0V
70ns, VCC=3.0V, VCCQ=3.0V
FUNCTIONAL DESCRIPTION
/CS
/ZZ
/OE
/WE
/LB
/UB
I/O1-8
I/O9-16
Mode
Power
HH
X1)
X1)
X1)
X1)
High-Z
High-Z
Deselected
Standby
X1)
LX1)
X1)
X1)
X1)
High-Z
High-Z
Deselected
Direct DPD2)
HL
X1)
X1)
X1)
X1)
High-Z
High-Z
Deselected
Low Power Modes3)
X1)
HX1)
X1)
H
H
High-Z
High-Z
Deselected
Standby
L
HHH
L
X1)
High-Z
High-Z
Output Disabled
Active
HHH
X1)
L
High-Z
High-Z
Output Disabled
Active
LH
LH
L
H
Dout
High-Z
Lower Byte Read
Active
H
L
High-Z
Dout
Upper Byte Read
Active
L
L
Dout
Dout
Word Read
Active
X1)
L
L
H
Din
High-Z
Lower Byte Write
Active
H
L
High-Z
Din
Upper Byte Write
Active
L
L
Din
Din
Word Write
Active
1. X means don’t care.(Must be low or high state)
2. In case of FMP1617DA2 & FMP1617DA5 product
3. In case of FMP1617DA1 & FMP1617DA4 product
1. H=FBGA(Pb-Free & Halogen Free), W=WAFER
2. Operating Temperature Range: S (-10’C~60’C), C(0’C~70’C), E(-25’C~85’C), I (-40’C~85’C)
ABSOLUTE MAXIMUM RATINGS1)
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Functional operation should be restricted to
recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
Note :
1. Overshoot : Vcc+1.0V in case of pulse width≤20ns.
2. Undershoot : -1.0V in case of pulse width≤20ns.
3. Overshoot and undershoot are sampled, not 100% tested.
Item
Symbol
Ratings
Unit
Voltage on any pin relative to VSS
VIN, VOUT
-0.5 to VCC+0.3V
V
Voltage on VCC supply relative to VSS
VCC
-0.2 to 3.6
V
Power Dissipation
PD
1.0
W
Storage temperature
TSTG
-65 to 150
’C
Item
Symbol
FMP1617DAx
Unit
Min
Typ
Max
Supply voltage
VCC
2.7
3.0V
3.3
V
I/O operating voltage (VCCQ ≤ VCC)
VCCQ
2.7
3.0V
3.3
V
Ground
VSS
0
0
0
V
Input high voltage
VIH
0.8VCCQ
VCCQ
VCC+0.21)
V
Input low voltage
VIL
-0.22)
00.2VCCQ
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com