Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMP1617DCX Datasheet(PDF) 4 Page - FIDELIX

Part # FMP1617DCX
Description  1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP1617DCX Datasheet(HTML) 4 Page - FIDELIX

  FMP1617DCX Datasheet HTML 1Page - FIDELIX FMP1617DCX Datasheet HTML 2Page - FIDELIX FMP1617DCX Datasheet HTML 3Page - FIDELIX FMP1617DCX Datasheet HTML 4Page - FIDELIX FMP1617DCX Datasheet HTML 5Page - FIDELIX FMP1617DCX Datasheet HTML 6Page - FIDELIX FMP1617DCX Datasheet HTML 7Page - FIDELIX FMP1617DCX Datasheet HTML 8Page - FIDELIX FMP1617DCX Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
FMP1617DCx
CMOS LPRAM
Revision 0.2
Jul. 2010
4
DC AND OPERATING CHARACTERISTICS
1. Capacitance is sampled, not 100% tested.
CAPACITANCE1) (f=1MHz , T
A=25’C)
Item
Symbol
Test Condition
Min
Max
Unit
Input capacitance
CIN
VIN=0V
-
8
pF
Input/Output capacitance
CIO
VIO=0V
-
8
pF
Item
Symbol
Test Conditions
Min
Typ
Max
Unit
Input leakage current
ILI
VIN=VSS to VCC
-1
-
1
uA
Output leakage current
ILO
/CS=VIH, /ZZ=VIH, /OE=VIH or /WE=VIL, VIO=VSS to VCC
-1
-
1
uA
Average operating current
ICC1
Cycle time=1us, 100%duty, IIO=0mA, /CS≤0.2V, /ZZ=VIH,
VIN≤0.2V or VIN≥VCC-0.2V
--
3
mA
ICC2
Cycle time=Min, IIO=0mA, 100% duty, /CS=VIL, /ZZ=VIH,
VIN=VIL or VIH
--
20
mA
Output low voltage
VOL
IOL=0.5mA
0.2VCCQ
V
Output high voltage
VOH
IOH=-0.5mA
0.8VCCQ
V
Standby Current(TTL)
ISB
/CS=VIH, /ZZ=VIH, Other inputs=VIH or VIL
--
0.3
mA
Standby Current(CMOS)
ISB1
/CS≥VCC-0.2V, /ZZ≥VCC-0.2V, Other inputs=0~VCC
-
-
80
uA
Low Power Modes
ISB0
/ZZ≤0.2V, Other inputs=0~VCC, No refresh(DPD)
-
-
10
uA
ISB0a
/ZZ≤0.2V, Other inputs=0~VCC, ¼ refresh area selection
-
-
60
uA
ISB0b
/ZZ≤0.2V, Other inputs=0~VCC, ½ refresh area selection
-
-
70
uA
ISB0c
/ZZ≤0.2V, Other inputs=0~VCC, All refresh area selection
-
-
80
uA
Device
Range
Ambient Temperature
VDD
VDDQ
FMP1617DCx-XxxS
Special
-10℃ to +60℃
1.7V to 1.95V
1.7V to Vcc
FMP1617DCx-XxxC
Commercial
0℃ to +70℃
FMP1617DCx-XxxE
Extended
-25℃ to +85℃
FMP1617DCx-XxxI
Industrial
-40℃ to +85℃
Operating Range
AC Input/Output Reference Waveform
NOTE:
1. AC test inputs are driven at VCCQ for a logic 1 and VSS for a logic 0. Input rise and fall times (10% to 90%) < 1.6ns.
2. Input timing begins at VCCQ/2.
3. Output timing ends at VCCQ/2.
AC Output Load Circuit
DUT
50Ω
30pF
Test Point
VCCQ/2
Test Points
VCCQ/23
VCCQ/2 2
VCCQ
VSS
Input1
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com