Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLNB2004 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZLNB2004
Description  DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLNB2004 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZLNB2004 Datasheet HTML 4Page - Diodes Incorporated ZLNB2004 Datasheet HTML 5Page - Diodes Incorporated ZLNB2004 Datasheet HTML 6Page - Diodes Incorporated ZLNB2004 Datasheet HTML 7Page - Diodes Incorporated ZLNB2004 Datasheet HTML 8Page - Diodes Incorporated ZLNB2004 Datasheet HTML 9Page - Diodes Incorporated ZLNB2004 Datasheet HTML 10Page - Diodes Incorporated ZLNB2004 Datasheet HTML 11Page - Diodes Incorporated ZLNB2004 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TONE DETECTION FUNCTION
Fin1
Fin2
Tout 1
Tout 2
ZLNB2001/3
22kHz
22kHz
High
High
--
Low
Low
ZLNB2002/4
22kHz
22kHz
High
High
--
Low
Low
VPOL1
VPOL2
HVOUT1
HVOUT2
Enable 1 /2
ZLNB2001/3
<=14V
<=14V
Low
Low
High
>=15.5V
>=15.5V
High
High
High
ZLNB2002/4
<=14V
<=14V
High
High
High
>=15.5V
>=15.5V
Low
Low
High
ZLNB2001,2,3,4
<=8V
<=8V
-
-
Low
ZLNB2001 ZLNB2002
ZLNB2003 ZLNB2004
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com