Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLNB2012 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZLNB2012
Description  DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLNB2012 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZLNB2012 Datasheet HTML 1Page - Diodes Incorporated ZLNB2012 Datasheet HTML 2Page - Diodes Incorporated ZLNB2012 Datasheet HTML 3Page - Diodes Incorporated ZLNB2012 Datasheet HTML 4Page - Diodes Incorporated ZLNB2012 Datasheet HTML 5Page - Diodes Incorporated ZLNB2012 Datasheet HTML 6Page - Diodes Incorporated ZLNB2012 Datasheet HTML 7Page - Diodes Incorporated ZLNB2012 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DEVICE DESCRIPTION
The ZLNB2012 dual polarisation and tone switch
controller is one of a wide range of satellite receiver
LNB support circuits available from Zetex. It features
two completely independent channels, each providing
logic outputs to control LNB polarisation selection,
local oscillator selection and downfeed disable. It is
intended for use in Twin, Quad and multiple feed
Universal LNBs, replacing many discrete components
to save both manufacturing cost and PCB size whilst
improving reliability.
The two highly accurate polarisation control inputs of
the ZLNB2012 have a nominal threshold of 14.25V and
to meet the required demanding needs from some
broadcasters they have a switching range of 14.0V to
14.5V. The threshold is temperature compensated to
minimise drift. Each features a low and stable input
current that enables transient protection to be
achieved with the addition of only a single resistor per
channel.
Multi Feed LNBs can be called to operate with one or
more of their controlling receivers powered
down/disconnected, with attendant cable mismatch
problems. To ease design for this situation, each
polarisation input of the ZLNB2012 has a second
threshold set at 9V. An input voltage below this
threshold indicates“ receiver not present”, and
switches the relevant control channels high. This logic
output can be used to disable the associated downfeed
driver, eliminating any problems due to cable
mismatch.
FEATURES
· Dual polarisation and tone switch
· Reduced Cost Solution, only 2 external components
per channel
· Close tolerance (14-14.5V) and temperature
compensated polarisation switch
· Multiplexer IC direct drive
· Tone and pol. Outputs are TTL, CMOS, Pin diode and
IF amp capable
· Transient resistant inputs
· Includes Receiver-Off detector
· User adjustable filter centre frequency and
bandwidth
Universal LNB local oscillator selection is achieved by
detection of a low level AC voltage superimposed on
the polarisation control voltage. To facilitate this
function, the ZLNB2012 includes a separate tone
detector for each channel. Control of detector
bandwidth and sensitivity is provided using an
external resistor and capacitor for each channel. The
tone detector has been designed give excellent
rejection of low frequency control signals and
DiSEqC™ tone bursts.
The ZLNB2012 has been specifically designed to
minimise the solution cost whilst being flexible. The
ZLNB2012 only requires two external components per
channel to give full user control and functionality. The
ZLNB2012 also includes complimentary outputs so
that it can directly drive many multiplexer IC’s without
the need of an inverter. Any unused outputs can be left
open circuit without any effect to the remaining circuits
operation Polarisation switch and tone detector
outputs can directly drive TTL and CMOS logic, pin
diodes, IF-amp supply switching and multiplexer IC’s.
The ZLNB2012 operates from a single supply which
can be anything from 5-8V. Its quiescent current is
typically only 9mA and this does not change
significantly with load or logic state. It is available in the
space saving QSOP16 surface mount package.
· Low frequency and DiSEqC
control signals
rejection
· Eliminates many close tolerance discrete
components
· Wide supply operating range
· Low quiescent current
APPLICATIONS
· Twin Universal LNB’s
· Quad Universal LNB’s
· Multi Feed Universal LNB’s
· LNB switch boxes
PROVISIONAL ISSUE A - OCTOBER 2001
1
DUAL TONE AND POLARITY SWITCH
LNB MULTIPLEX CONTROLLER
ZLNB2012


Similar Part No. - ZLNB2012

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLNB2012 ZETEX-ZLNB2012 Datasheet
97Kb / 8P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2012Q16 ZETEX-ZLNB2012Q16 Datasheet
97Kb / 8P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
More results

Similar Description - ZLNB2012

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZLNB101 ZETEX-ZLNB101 Datasheet
77Kb / 5P
DUAL POLARISATION SWITCH TWIN LNB MULTIPLEX CONTROLLER
ZLNB2001 ZETEX-ZLNB2001 Datasheet
168Kb / 12P
DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2012 ZETEX-ZLNB2012 Datasheet
97Kb / 8P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2006 ZETEX-ZLNB2006 Datasheet
120Kb / 11P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB2013 ZETEX-ZLNB2013 Datasheet
165Kb / 8P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
ZLNB1001 ZETEX-ZLNB1001 Datasheet
138Kb / 4P
DBS tone and polarity multiplex controller
logo
Diodes Incorporated
ZLNB1001 DIODES-ZLNB1001 Datasheet
149Kb / 4P
DBS tone and polarity multiplex controller
SEPTEMBER 2005
ZLNB2001 DIODES-ZLNB2001 Datasheet
158Kb / 12P
DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
NOVEMBER 1998
ZLNB2006 DIODES-ZLNB2006 Datasheet
126Kb / 11P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
APRIL 2002
ZLNB2013 DIODES-ZLNB2013 Datasheet
179Kb / 8P
DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
AUGUST 2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com