Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTLV431 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZTLV431
Description  1.24V Cost effective shunt regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTLV431 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZTLV431 Datasheet HTML 1Page - Diodes Incorporated ZTLV431 Datasheet HTML 2Page - Diodes Incorporated ZTLV431 Datasheet HTML 3Page - Diodes Incorporated ZTLV431 Datasheet HTML 4Page - Diodes Incorporated ZTLV431 Datasheet HTML 5Page - Diodes Incorporated ZTLV431 Datasheet HTML 6Page - Diodes Incorporated ZTLV431 Datasheet HTML 7Page - Diodes Incorporated ZTLV431 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZTLV431
Issue 7 - April 2008
2
www.zetex.com
© Zetex Semiconductors plc 2008
Absolute maximum ratings
Operation above the absolute maximum rating may cause device failure.
Operation at the
absolute maximum ratings, for extended periods, may reduce device reliability.
Unless otherwise stated voltages specified are relative to the ANODE pin.
Package thermal data
Recommended operating conditions
Cathode voltage (VKA)
10V
Continuous cathode current (IKA)
-20 to 20mA
Reference input current range (IREF)
-0.05 to 3mA
Operating junction temperature
-40 to 150°C
Storage temperature
-55 to 150°C
Package
JA
PDIS
TA =25°C
SOT23
380°C/W
330 mW
SOT23F
160°C/W
780 mW
Min.
Max.
Units
VKA cathode voltage
VREF
10
V
IKA cathode current
0.1
15
mA
TA operating ambient temperature range
-40
125
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com