Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCT1009 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXCT1009
Description  HIGH-SIDE CURRENT MONITOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1009 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXCT1009 Datasheet HTML 1Page - Diodes Incorporated ZXCT1009 Datasheet HTML 2Page - Diodes Incorporated ZXCT1009 Datasheet HTML 3Page - Diodes Incorporated ZXCT1009 Datasheet HTML 4Page - Diodes Incorporated ZXCT1009 Datasheet HTML 5Page - Diodes Incorporated ZXCT1009 Datasheet HTML 6Page - Diodes Incorporated ZXCT1009 Datasheet HTML 7Page - Diodes Incorporated ZXCT1009 Datasheet HTML 8Page - Diodes Incorporated ZXCT1009 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ZXCT1009
SEMICO NDUC TORS
ISSUE 10 - JULY 2007
2
ABSOLUTE MAXIMUM RATINGS
Voltage on any pin
-0.6V to 20V (relative to Iout)
Continuous output current, IOUT,
25mA
Continuous sense voltage, VSENSE
†,
-0.5V to +5V
Operating temperature, TA,
-40 to 85
°C
Storage temperature
-55 to 125
°C
Package power dissipation
(TA = 25
°C)
SOT23
450mW - derate to zero at 125
°C
SM8
2W
Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum
ratings for extended periods may reduce device reliability.
ELECTRICAL CHARACTERISTICS
Test Conditions TA = 25
°C, Vin = 5V, Rout = 100Ω.
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
Min.
Typ.
Max.
Vin
VCC range
2.5
20
V
Iout
1
Output current
VSENSE =0V
VSENSE =10mV
VSENSE =100mV
VSENSE =200mV
VSENSE =1V
1
90
0.975
1.95
9.6
4
104
1.002
2.0
9.98
15
120
1.025
2.05
10.2
µA
µA
mA
mA
mA
Vsense
†
Sense voltage
0
2500
mV
Isense -Vsense -
input current
100
nA
Acc
Accuracy
RSENSE =0.1Ω
VSENSE =200mV
-2.5
2.5
%
Gm
Transconducta
nce,
Iout /Vsense
100
00
µA/V
BW
Bandwidth
VSENSE(DC) = 10mV, Pin = -40dBm ‡
VSENSE(DC) = 100mV, Pin = -20dBm ‡
300
2
kHz
MHz
1 Includes input offset voltage contribution
†VSENSE is defined as the differential voltage between VSENSE+ and VSENSE-.
VSENSE = VSENSE+ - VSENSE-
= VIN - VLOAD
= ILOAD x RSENSE
‡ -20dBm=63mVp-p into 50
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com