Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCT1010 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXCT1010
Description  ENHANCED HIGH-SIDE CURRENT MONITOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1010 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXCT1010 Datasheet HTML 1Page - Diodes Incorporated ZXCT1010 Datasheet HTML 2Page - Diodes Incorporated ZXCT1010 Datasheet HTML 3Page - Diodes Incorporated ZXCT1010 Datasheet HTML 4Page - Diodes Incorporated ZXCT1010 Datasheet HTML 5Page - Diodes Incorporated ZXCT1010 Datasheet HTML 6Page - Diodes Incorporated ZXCT1010 Datasheet HTML 7Page - Diodes Incorporated ZXCT1010 Datasheet HTML 8Page - Diodes Incorporated ZXCT1010 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SEMICO NDUC TORS
ZXCT1010
ABSOLUTE MAXIMUM RATINGS
Voltage on any pin
-0.6V to 20V (relative to GND)
Continuous output current, IOUT,
25mA
Continuous sense voltage, VSENSE
2,
-0.5V to +5V
Operating temperature, TA,
-40 to 85
°C
Storage temperature
-55 to 150
°C
Package power dissipation
(TA = 25
°C)
SOT23-5
300mW
Operation above the absolute maximum rating may cause device failure.
Operation at the absolute maximum ratings, for extended periods, may reduce device reliability.
ELECTRICAL CHARACTERISTICS
Test Conditions TA = 25
°C, Vin = 5V, Rout = 100Ω.
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
Min
Typ
Max
Vin
VCC Range
2.5
20
V
Iout1
Output current
Vsense =0V
Vsense = 10mV
Vsense =100mV
Vsense = 200mV
Vsense =1V
0
85
0.975
1.95
9.7
0.3
100
1.00
2.00
10.0
10
115
1.025
2.05
10.3
µA
µA
mA
mA
mA
Iq
Ground pin
current
Vsense =0V
3.5
8
µA
Vsense2
Sense Voltage
0
2500
mV
Isense -Vsense -
input current
100
nA
Acc
Accuracy
Rsense =0.1Ω
Vsense =200mV
-2.5
2.5
%
Gm
Transconducta
nce,
Iout /Vsense
10000
µA/V
BW
Bandwidth
VSENSE(DC) = 10mV, Pin = -40dBm ‡
VSENSE(DC) = 100mV, Pin = -20dBm ‡
300
2
kHz
MHz
1 Includes input offset voltage contribution
2 VSENSE is defined as the differential voltage between VSENSE+ and VSENSE-.
VSENSE = VSENSE+ - VSENSE-
= VIN - VLOAD
= ILOAD x RSENSE
3 -20dBm=63mVp-p into 50Ω
ISSUE 10 - JULY 2007



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com