Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCT1012DAATA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXCT1012DAATA
Description  Reduced height micro-power current monitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1012DAATA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXCT1012DAATA Datasheet HTML 1Page - Diodes Incorporated ZXCT1012DAATA Datasheet HTML 2Page - Diodes Incorporated ZXCT1012DAATA Datasheet HTML 3Page - Diodes Incorporated ZXCT1012DAATA Datasheet HTML 4Page - Diodes Incorporated ZXCT1012DAATA Datasheet HTML 5Page - Diodes Incorporated ZXCT1012DAATA Datasheet HTML 6Page - Diodes Incorporated ZXCT1012DAATA Datasheet HTML 7Page - Diodes Incorporated ZXCT1012DAATA Datasheet HTML 8Page - Diodes Incorporated ZXCT1012DAATA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ZXCT1012
Issue 1 - December 2006
2
www.zetex.com
© Zetex Semiconductors plc 2006
Pin information
Absolute maximum ratings
Operation above the absolute maximum rating may cause device failure.
Operation at the absolute maximum ratings, for extended periods, may reduce device reliability.
NOTES:
(‡) VSENSE is defined as the differential voltage between the SENSE+ and SENSE- pins.
VSENSE = VSENSE+ - VSENSE-
(†) Exposed lead not connected to thermal plane
Pin
Name
Description
TDFN5 TSOT23-5
3
1
N/C
No connection
2
2
GND
Ground connection
1
3
OUT
Output current pin. Current generated due to a difference voltage
between VSENSE+ and VSENSE- flows out of this pin. A suitable
value resistor connected to ground creates an output voltage. The
maximum voltage out of this pin will be VSENSE- - 1.5V.
5
4
SENSE+ This pin should be connected to the rail whose current is being
measured and also provides power to internal circuitry. It is the
positive input of the current monitor and has an input range from
20V down to 2.5V. The current through this pin varies with
differential sense voltage.
4
5
SENSE- This is the negative input of the current monitor and has an input
range from 20V down to 2.5V.
VSENSE+ max.
20V
Voltage on any pin (relative to GND pin)
-0.6 and VSENSE+ +0.5V
VSENSE
(‡)
-0.15V to +3V
Ambient operating temperature range
-40 to 85°C
Storage temperature
-55 to 150°C
Maximimum junction temperature
150°C
Package power dissipation
300mW at Tamb= 25°C (De-rate to zero at 150°C)
Package
R JA
PDISS at 25°C
TSOT23-5 (*)
NOTES:
(*) Mounted on 30mm x 16mm x1.1mm FR4 board with 1oz copper.
250°C/W
500mW
TDFN3x3 5 pin(*) (†)
232°C/W
540mW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com