Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXCT1080 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXCT1080
Description  High voltage high-side current monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1080 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXCT1080 Datasheet HTML 1Page - Diodes Incorporated ZXCT1080 Datasheet HTML 2Page - Diodes Incorporated ZXCT1080 Datasheet HTML 3Page - Diodes Incorporated ZXCT1080 Datasheet HTML 4Page - Diodes Incorporated ZXCT1080 Datasheet HTML 5Page - Diodes Incorporated ZXCT1080 Datasheet HTML 6Page - Diodes Incorporated ZXCT1080 Datasheet HTML 7Page - Diodes Incorporated ZXCT1080 Datasheet HTML 8Page - Diodes Incorporated ZXCT1080 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ZXCT1080
Issue 3 - March 2008
2
www.zetex.com
© Zetex Semiconductors plc 2008
Absolute maximum ratings
Continuous voltage on S- and S+
-0.6 and 65V
Voltage on all other pins
-0.6V and +14V
Differential sense voltage, VSENSE
800mV
Operating temperature
-40 to 125°C
Storage temperature
-55 to 150°C
Maximum junction temperature
125°C
Package power dissipation
300mW* at TA = 25°C
Operation above the absolute maximum rating may cause device failure. Operation at the absolute
maximum ratings, for extended periods, may reduce device reliability.
VSENSE is defined as the differential voltage between S+ and S- pins.
* Assumes
JA = 420°C/W
Recommended operating conditions
Pin function table
Parameter
Min.
Max.
Units
VIN
Common-mode sense+ input range
3
60
V
VCC
Supply voltage range
4.5
12
V
VSENSE
Differential sense input voltage range
0
0.15
V
VOUT
Output voltage range
0
1.5 (*)
NOTES:
(*) Based on 10x VSENSE
V
TA
Ambient temperature range
-40
125
°C
Pin
Name
Description
1VCC
This is the analogue supply and provides power to internal circuitry
2
GND
Ground pin
3
OUT
Output voltage pin. NMOS source follower with 20µA bias to ground
4
S+
This is the positive input of the current monitor and has an input range from
60V down to 3V. The current through this pin varies with differential sense
voltage
5
S-
This is the negative input of the current monitor and has an input range
from 60V down to 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com