Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXGD3101N8TC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXGD3101N8TC
Description  SYNCHRONOUS RECTIFIER CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3101N8TC Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXGD3101N8TC Datasheet HTML 1Page - Diodes Incorporated ZXGD3101N8TC Datasheet HTML 2Page - Diodes Incorporated ZXGD3101N8TC Datasheet HTML 3Page - Diodes Incorporated ZXGD3101N8TC Datasheet HTML 4Page - Diodes Incorporated ZXGD3101N8TC Datasheet HTML 5Page - Diodes Incorporated ZXGD3101N8TC Datasheet HTML 6Page - Diodes Incorporated ZXGD3101N8TC Datasheet HTML 7Page - Diodes Incorporated ZXGD3101N8TC Datasheet HTML 8Page - Diodes Incorporated ZXGD3101N8TC Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ZXGD3101N8
Document Number DS31945 Rev. 1 - 2
4 of 14
www.diodes.com
June 2010
© Diodes Incorporated
ZXGD3101N8
A Product Line of
Diodes Incorporated
SYNCHRONOU S R E CTIFIER CONTROLLER
Schematic Symbol and Pin Out Details
Differential
amplifier
High volt
comparator
Threshold
voltage
control
Driver
Gate drive
amplitude
control
Turn-on/off
control
+
+
-
-
GATEH
GATEL
Vcc
GND
DRAIN
REF
BIAS
Pin No.
Symbol
Description and function
1
NC
No connection
This pin can be connected to GND
2
REF
Reference
This pin is connected to VCC via resistor, RREF. RREF should be selected to source approximately 3mA into this pin.
(Note 8)
3
GATEL
Gate turn off
This pin sinks current, ISINK, from the synchronous MOSFET Gate.
4
GATEH
Gate turn on
This pin sources current, ISOURCE, to the synchronous MOSFET Gate.
5
VCC
Power Supply
This is the supply pin. It is recommended to decouple this point to ground closely with a ceramic capacitor.
6
GND
Ground
This is the ground reference point. Connect to the synchronous MOSFET Source terminal.
7
BIAS
Bias
This pin is connected to VCC via resistor, RBIAS. RBIAS should be selected to source 1.6 times IREF into this pin.
(Note 9)
8
DRAIN
Drain connection
This pin connects directly to the synchronous MOSFET Drain terminal.
Notes:
8. REF pin should be assumed to be at GND +0.7V.
9. BIAS pin should be assumed to be at GND +0.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com