Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH375 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH375
Description  SINGLE PHASE HALL EFFECT LATCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH375 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH375 Datasheet HTML 1Page - Diodes Incorporated AH375 Datasheet HTML 2Page - Diodes Incorporated AH375 Datasheet HTML 3Page - Diodes Incorporated AH375 Datasheet HTML 4Page - Diodes Incorporated AH375 Datasheet HTML 5Page - Diodes Incorporated AH375 Datasheet HTML 6Page - Diodes Incorporated AH375 Datasheet HTML 7Page - Diodes Incorporated AH375 Datasheet HTML 8Page - Diodes Incorporated AH375 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
AH375
SINGLE PHASE HALL EFFECT LATCH
AH375
Document number: DS31172 Rev. 6 - 2
3 of 9
www.diodes.com
July 2010
© Diodes Incorporated
Electrical Characteristics (TA = 25 °C, Vdd = 12V)
Symbol
Characteristic
Test Conditions
Min
Typ.
Max
Unit
VDS (SAT)
Output Saturation Voltage
Iout = 20mA
-
300
700
mV
Ioff
Output Leakage Current
VDD = 14V
-
<
0.1
10
uA
Idd
Supply Current
Output Open
-
2
4
mA
Magnetic Characteristics (TA = 25 °C, Vdd = 2.5V to 20V, Note 3)
(1mT = 10 Gauss)
Symbol
Parameter
Min
Typ.
Max
Unit
Bops(south pole to brand side)
Operation Point
5
30
60
Gauss
Brps(south pole to brand side)
Release Point
-60
-30
-5
Gauss
Bhy(|Bopx|-|Brpx|)
Hysteresis
-
60
-
Gauss
Notes:
3. Magnetic characteristics may vary with supply voltage, operating temperature and after soldering.
Operating Characteristics
Vdd
Brp
Bop
0
( Magnetic Flux Density B)
Output
Turn off
Turn on
(off-state)
(on-state)
VSAT
VSAT
Bhy
Marking side
S
(SIP-3L)
N
Marking side
S
(SC59)
N



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com