Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8532U2DA1 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCF8532U2DA1
Description  Universal LCD driver for low multiplex rates
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8532U2DA1 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCF8532U2DA1 Datasheet HTML 29Page - NXP Semiconductors PCF8532U2DA1 Datasheet HTML 30Page - NXP Semiconductors PCF8532U2DA1 Datasheet HTML 31Page - NXP Semiconductors PCF8532U2DA1 Datasheet HTML 32Page - NXP Semiconductors PCF8532U2DA1 Datasheet HTML 33Page - NXP Semiconductors PCF8532U2DA1 Datasheet HTML 34Page - NXP Semiconductors PCF8532U2DA1 Datasheet HTML 35Page - NXP Semiconductors PCF8532U2DA1 Datasheet HTML 36Page - NXP Semiconductors PCF8532U2DA1 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
PCF8532
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 10 February 2011
33 of 49
NXP Semiconductors
PCF8532
Universal LCD driver for low multiplex rates
11. Dynamic characteristics
[1]
Typical output duty factor: 50 % measured at the CLK output pin.
[2]
For fclk(ext) > 4 kHz it is recommended to use an external pull-up resistor between pin SYNC and pin VDD. The value of the resistor
should be between 100 k
Ω and 1 MΩ. This resistor should be present even when no cascading configuration is used!
[3]
All timing values are valid within the operating supply voltage and ambient temperature range and are referenced to VIL and VIH with an
input voltage swing of VSS to VDD.
Table 18.
Dynamic characteristics
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 1.8 V to 8.0 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fclk
clock frequency
on pin CLK; see Table 15
[1]
900
1800
3000
Hz
fclk(ext)
external clock frequency
[2]
700
-
5000
Hz
tclk(H)
HIGH-level clock time
external clock source used
100
-
-
μs
tclk(L)
LOW-level clock time
external clock source used
100
-
-
μs
tPD(SYNC_N)
SYNC propagation delay
-
30
-
ns
tSYNC_NL
SYNC LOW time
100
-
-
μs
tPD(drv)
driver propagation delay
VLCD = 5 V
-
10
-
μs
Timing characteristics: I2C-bus
[3]
fSCL
SCL clock frequency
-
-
400
kHz
tBUF
bus free time between a
STOP and START condition
1.3
-
-
μs
tHD;STA
hold time (repeated) START
condition
0.6
-
-
μs
tSU;STA
set-up time for a repeated
START condition
0.6
-
-
μs
tVD;ACK
data valid acknowledge time
-
-
1.2
μs
tHIGH
HIGH period of the SCL clock
0.6
-
-
μs
tLOW
LOW period of the SCL clock
1.3
-
-
μs
tf
fall time
of both SDA and SCL signals
-
-
0.3
μs
tr
rise time
of both SDA and SCL signals
-
-
0.3
μs
Cb
capacitive load for each bus
line
-
-
400
pF
tSU;DAT
data set-up time
200
-
-
ns
tHD;DAT
data hold time
0
-
-
ns
tSU;STO
set-up time for STOP
condition
0.6
-
-
μs
tw(spike)
spike pulse width
-
-
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com