Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRI20100CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRI20100CT
Description  20.0Amps Surface Mount Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRI20100CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRI20100CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRI20100CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High Surge capability
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
I(AV)
A
IFSM
A
VF
V
IR
mA
mA
dV/dt
V/uS
RθJC
OC/W
TJ
OC
TSTG
OC
Note2: Thermal Resistance from Junction to Case Per Leg
Guarding for over voltage protection
Features
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
Maximum Thermal Resistance Per Leg (Note 2)
Maximum Instantaneous Forward Voltage at
IF = 10A, Ta=25℃
IF = 10A, Ta=125℃
IF = 20A, Ta=25℃
IF = 20A, Ta=125℃
MBRI20100CT = Specific Device Code
20
MBRI20100CT
Note1: Pulse Test : 300us Pulse Width, 1% Duty cycle
-65 to + 175
10,000
150
-65 to + 150
100
70
Voltage rate of change (Rated VR)
MBRI20100CT
I
2PAK
Version:A10
Y
= Year
100
20.0Amps Surface Mount Schottky Barrier Rectifier
Operating Temperature Range
Storage Temperature Range
2
Maximum Reverse Current (Note 1)
Ta=25 ℃
Ta=125 ℃
Type Number
Case: JEDEC I
2PAK molded plastic
Terminals: Leads solderable per MIL-STD-750, Method 2026
Polarity: As marked
Maximum Ratings and Electrical Characteristics
0.85
0.75
0.95
0.85
0.1
5
Mechanical Data
Mounting position: Any
Maximum Average Forward Rectified Current
@Tc = 130℃(Total Device)
Maximum DC blocking voltage
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
Maximum RMS Voltage
Maximum Repetitive Peak Reverse Voltage
WW
= Work Week
G
= Green compound
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Weight: 1.41 grams
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
High temperature soldering guaranteed: 260 ℃/
10 seconds at terminals
Marking Diagram
Dimensions in inches and (millimeters)
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - MBRI20100CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRI20100CT TSC-MBRI20100CT Datasheet
139Kb / 2P
20.0AMPS Schottky Barrier Rectifier
MBRI20100CT TSC-MBRI20100CT Datasheet
267Kb / 3P
20.0AMPS Schottky Barrier Rectifier High Surge capability
MBRI20100CT TSC-MBRI20100CT Datasheet
248Kb / 4P
Dual Common Cathode Schottky Rectifier
MBRI20100CT TSC-MBRI20100CT_11 Datasheet
139Kb / 2P
20.0AMPS Schottky Barrier Rectifier
MBRI20100CT TSC-MBRI20100CT_13 Datasheet
267Kb / 3P
20.0AMPS Schottky Barrier Rectifier High Surge capability
More results

Similar Description - MBRI20100CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF20L100CT TSC-MBRF20L100CT Datasheet
186Kb / 2P
20.0AMPS Isolated Low VF Schottky Barrier Rectifier
MBRF2060D TSC-MBRF2060D Datasheet
167Kb / 2P
20.0AMPS Isolated Schottky Barrier Rectifier
MBRI20100CT TSC-MBRI20100CT_11 Datasheet
139Kb / 2P
20.0AMPS Schottky Barrier Rectifier
MBRS20H100CT TSC-MBRS20H100CT_11 Datasheet
148Kb / 2P
20.0AMPS. Surface Mount Schottky Barrier Rectifiers
MBRS2035CT TSC-MBRS2035CT_11 Datasheet
154Kb / 2P
20.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRAS2020 TSC-SRAS2020_11 Datasheet
134Kb / 2P
20.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRS2020 TSC-SRS2020_11 Datasheet
127Kb / 2P
20.0AMPS Surface Mount Schottky Barrier Rectifiers
MBRI20100CT TSC-MBRI20100CT_13 Datasheet
267Kb / 3P
20.0AMPS Schottky Barrier Rectifier High Surge capability
MBRS20H100CT TSC-MBRS20H100CT_13 Datasheet
257Kb / 4P
20.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRS2020 TSC-SRS2020_13 Datasheet
259Kb / 4P
20.0AMPS Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com