Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC44F19 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC44F19
Description  6A, 13V High Speed MOSFET Drivers with Enable Input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC44F19 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC44F19 Datasheet HTML 1Page - Micrel Semiconductor MIC44F19 Datasheet HTML 2Page - Micrel Semiconductor MIC44F19 Datasheet HTML 3Page - Micrel Semiconductor MIC44F19 Datasheet HTML 4Page - Micrel Semiconductor MIC44F19 Datasheet HTML 5Page - Micrel Semiconductor MIC44F19 Datasheet HTML 6Page - Micrel Semiconductor MIC44F19 Datasheet HTML 7Page - Micrel Semiconductor MIC44F19 Datasheet HTML 8Page - Micrel Semiconductor MIC44F19 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Micrel, Inc.
MIC44F18/19/20
February 2011
4
M9999-020111
Absolute Maximum Ratings
(1)
Supply Voltage (Vdd). ………………………………….. 14V
UVLO/Enable Voltage (VUVLO/EN)…………………....... 14V
Input Voltage (VIN) …………….. (VS + 0.1V) to (GND-5V)
Output Voltage (VOUT) ……………………………........ 14V
Junction Temperature (TJ)…………………... ..........150°C
Ambient Storage Temperature (Tdd) ….. -65°C to +150°C
Lead Temperature (10 sec).....................................300
°C
ESD Rating, Note 3
Pins 1,2,3,5,6,7,8.................................................2KV
Pin 4................................................................... 500V
Operating Ratings
(2)
Supply Voltage (Vdd) ............................... 4.5V to 13.2V
Package Thermal Impedance
ePAD MSOP-8 (
θJA)……………………… ...78°C/W
2x2 MLF-8L (
θJA)……………………............93°C/W
Operating Junction Temperature (TJ).................. 125°C
Electrical Characteristics
(4)
4.5V< Vdd< 13.2V; CL =1000pf; TA = 25°C, bold values indicate –40°C< Tj < +125°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Power Supply
Vdd
Supply Voltage Range
4.5
13.2
V
High Output Quiescent Current
VIN = 5V (MIC44F18), VIN = 0V
(MIC44F19/20)
2.5
mA
IS
Low Output Quiescent Current
VIN = 0V (MIC44F18), VIN = 5V
(MIC44F19/20)
2.5
mA
ISD
Shutdown Current
VEN = 0V
200
µA
EN/UVLO
VEN
Enable Threshold
1.3
1.4
1.5
V
Enable Hysteresis
120
mV
VUVLO
Under-Voltage Lockout
Threshold (Internally Set)
VEN = open
VDD rising
3.6
4.2
4.4
V
UVLO Hysteresis
370
mV
VUVLO
Under-Voltage Lockout
Threshold (Externally Set)
VDD rising
VEN
(MAX)
Vdd
V
Input
VIN
Input Voltage Range
Steady State Voltage (note 5)
0
Vdd
VIH
Logic 1 Input Voltage
TA = 25°C (+/-5%)
Over temperature range (+/-10%)
1.615
1.53
1.7
1.7
1.785
1.87
V
VIL
Logic 0 Input Voltage
TA = 25°C (+/-5%)
Over temperature range (+/-10%)
1.45
1.377
1.53
1.53
1.607
1.683
V
IIN
Input Current
4.5V< VIN< 10V
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com