Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC44F20 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC44F20
Description  6A, 13V High Speed MOSFET Drivers with Enable Input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC44F20 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC44F20 Datasheet HTML 6Page - Micrel Semiconductor MIC44F20 Datasheet HTML 7Page - Micrel Semiconductor MIC44F20 Datasheet HTML 8Page - Micrel Semiconductor MIC44F20 Datasheet HTML 9Page - Micrel Semiconductor MIC44F20 Datasheet HTML 10Page - Micrel Semiconductor MIC44F20 Datasheet HTML 11Page - Micrel Semiconductor MIC44F20 Datasheet HTML 12Page - Micrel Semiconductor MIC44F20 Datasheet HTML 13Page - Micrel Semiconductor MIC44F20 Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Micrel, Inc.
MIC44F18/19/20
February 2011
10
M9999-020111
Output Driver Section
A block diagram of the low-side driver is shown in Figure
3. Low driver impedances allow the external MOSFET to
be turned on and off quickly. The rail-to-rail drive
capability of the output ensures a low RDSON from the
external MOSFET.
Redundant Vout pins lower the driver circuit impedance,
which helps increase the drive current and minimize LC
circuit ringing between the MOSFET gate and driver
output.
The slew rate of the output is non-adjustable and
depends only on the VDD voltage and how much
capacitance is present at the VOUT pin. The slew rate
at the MOSFET gate can be adjusted by adding a
resistor between the MOSFET gate and the driver
output.
Figure 3. Output Driver Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com