Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC184BMM Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC184BMM
Description  Local/Remote Thermal Supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC184BMM Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC184BMM Datasheet HTML 9Page - Micrel Semiconductor MIC184BMM Datasheet HTML 10Page - Micrel Semiconductor MIC184BMM Datasheet HTML 11Page - Micrel Semiconductor MIC184BMM Datasheet HTML 12Page - Micrel Semiconductor MIC184BMM Datasheet HTML 13Page - Micrel Semiconductor MIC184BMM Datasheet HTML 14Page - Micrel Semiconductor MIC184BMM Datasheet HTML 15Page - Micrel Semiconductor MIC184BMM Datasheet HTML 16Page - Micrel Semiconductor MIC184BMM Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
May 2006
13
MIC184
MIC184
Micrel
Register Set and Programmer’s Model
Internal Register Set
e
m
a
N
n
o
i
t
p
i
r
c
s
e
D
e
t
y
B
d
n
a
m
m
o
C
n
o
i
t
a
r
e
p
O
t
l
u
a
f
e
D
p
U
-
r
e
w
o
P
P
M
E
T
e
r
u
t
a
r
e
p
m
e
t
d
e
r
u
s
a
e
m
0
0 h
y
l
n
o
d
a
e
r
t
i
b
-
9
0
0
0
0
0
0
0
0
0
b
C
°
0
)
1
(
G
I
F
N
O
C
r
e
t
s
i
g
e
r
n
o
it
a
r
u
g
if
n
o
c
1
0 h
e
t
i
r
w
/
d
a
e
r
t
i
b
-
8
0
0
0
0
0
0
0
0
b
)
2
e
t
o
N
(
T
S
Y
H
_
T
s
i
s
e
r
e
t
s
y
h
2
0 h
e
t
i
r
w
/
d
a
e
r
t
i
b
-
9
0
1
1
0
1
0
0
1
0
b
C
°
5
7
+
T
E
S
_
T
t
n
i
o
p
t
e
s
e
r
u
t
a
r
e
p
m
e
t
3
0 h
e
t
i
r
w
/
d
a
e
r
t
i
b
-
9
0
0
0
0
0
1
0
1
0
b
C
°
0
8
+
Detailed Register Descriptions
)
e
t
i
r
W
/
d
a
e
R
t
i
B
-
8
(
G
I
F
N
O
C
]
7
[
D
]
6
[
D
]
5
[
D
]
4
[
D
]
3
[
D
]
2
[
D
]
1
[
D
]
0
[
D
y
l
n
o
d
a
e
r
e
t
i
r
w
/
d
a
e
r
e
t
i
r
w
/
d
a
e
r
e
t
i
r
w
/
d
a
e
r
e
t
i
r
w
/
d
a
e
r
e
t
i
r
w
/
d
a
e
r
e
t
i
r
w
/
d
a
e
r
t
p
u
r
r
e
t
n
i
s
u
t
a
t
s
)
S
T
S
(
t
p
u
r
r
e
t
n
i
k
s
a
m
)
3
(
)
M
I
(
p
m
e
t
t
c
e
l
e
s
)
E
N
O
Z
(
e
u
e
u
q
t
l
u
a
f
h
t
p
e
d
)
Q
_
F
(
t
n
i
y
t
i
r
a
l
o
p
)
L
O
P
(
T
N
I/
P
M
C
e
d
o
m
)
E
D
O
M
(
n
w
o
d
t
u
h
S
)
N
D
H
S
(
s
t
i
B
n
o
i
t
c
n
u
F
n
o
i
t
a
r
e
p
O
S
T
S
)
y
l
n
o
d
a
e
r
(
s
u
t
a
t
s
t
p
u
r
r
e
t
n
i
e
n
o
n
=
0
,
d
e
r
u
c
c
o
t
p
u
r
r
e
t
n
i
=
1
M
I
k
s
a
m
t
p
u
r
r
e
t
n
i
d
e
l
b
a
s
i
d
=
1
,
d
e
l
b
a
n
e
=
0
E
N
O
Z
n
o
it
c
e
l
e
s
e
r
u
t
a
r
e
p
m
e
t
e
t
o
m
e
r
/
l
a
n
r
e
t
n
i
l
a
n
r
e
t
n
i
=
0
,
e
t
o
m
e
r
=
1
Q
_
F
h
t
p
e
d
e
u
e
u
Q
_
t
l
u
a
F
,
s
n
o
i
s
r
e
v
n
o
c
2
=
1
0
,
n
o
i
s
r
e
v
n
o
c
1
=
0
0
s
n
o
i
s
r
e
v
n
o
c
6
=
1
1
,
s
n
o
i
s
r
e
v
n
o
c
4
=
0
1
L
O
P
n
o
it
c
e
l
e
s
y
t
i
r
a
l
o
p
t
u
p
t
u
o
T
N
I
w
o
l
e
v
it
c
a
=
0
,
h
g
i
h
e
v
it
c
a
=
1
E
D
O
M
t
p
u
r
r
e
t
n
i/
r
o
t
a
r
a
p
m
o
c
n
i
p
T
N
I
r
o
f
n
o
it
c
e
l
e
s
e
d
o
m
,
e
d
o
m
t
p
u
r
r
e
t
n
i
=
1
e
d
o
m
r
o
t
a
r
a
p
m
o
c
=
0
N
D
H
S
n
w
o
d
t
u
h
s
/
l
a
m
r
o
n
n
o
it
c
e
l
e
s
e
d
o
m
g
n
it
a
r
e
p
o
,
n
w
o
d
t
u
h
s
=
1
l
a
m
r
o
n
=
0
Power-Up Default Value: 0000 0000b = 00h(4)
• not in shutdown mode
• comparator mode
• INT = active low
• Fault_Queue depth = 1
• local temperature zone
• interrupts enabled.
CONFIG Command Byte Address: 0000 0001b = 01h
(1) TEMP will contain measured temperature data for the selected
zone after the completion of one conversion.
(2) After the first Fault_Queue conversions are complete, the
status bit will be set if TEMP < T_HYST or TEMP > T_SET.
(3) Setting IM forces the open-drain INT output into its high-Z
state. See “INT Polarity Selection.”
(4) After the first Fault_Queue conversions are completed, the
status bit will be set if TEMP < T_HYST or TEMP > T_SET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com