Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC862 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC862
Description  Dual Ultra Low Power Op Amp in SOT23-8
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC862 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC862_06 Datasheet HTML 1Page - Micrel Semiconductor MIC862_06 Datasheet HTML 2Page - Micrel Semiconductor MIC862_06 Datasheet HTML 3Page - Micrel Semiconductor MIC862_06 Datasheet HTML 4Page - Micrel Semiconductor MIC862_06 Datasheet HTML 5Page - Micrel Semiconductor MIC862_06 Datasheet HTML 6Page - Micrel Semiconductor MIC862_06 Datasheet HTML 7Page - Micrel Semiconductor MIC862_06 Datasheet HTML 8Page - Micrel Semiconductor MIC862_06 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIC862
Micrel
MIC862
4
August 2006
Symbol
Parameter
Condition
Min
Typ
Max
Units
PSRR
Power Supply Rejection Ratio
Supply voltage change of 2.7V to 3V
60
85
dB
AVOL
A
A
Large-Signal Voltage Gain
R
VOL
VOL
L = 5kΩ, V
LL
OUT = 2VP-P
65
77
dB
RL = 100kΩ, V
LL
OUT = 2VP-P
80
90
dB
RL = 500kΩ, V
LL
OUT = 2VP-P
90
101
dB
GBW
Gain-Bandwidth Product
RL = 20kΩ, C
LL
L = 2pF, Av = 11
2.3
MHz
LL
PM
Phase Margin
RL = 20kΩ, C
LL
L = 2pF, Av = 11
50
°
LL
BW
–3 dB Bandwidth
RL = 1MΩ, C
LL
L = 2pF, Av = 1
4.2
MHz
LL
SR
Slew Rate
RL = 1MΩ, C
LL
L = 2pF, Av = 1
3
V/µs
LL
Positive Slew Rate 1.5V/µs
ISC
Short-Circuit Output Current
Source
4.5
6.3
mA
Sink
4.5
6.2
mA
IS
Supply Current (per op amp)
No Load
28
45
µA
Channel-to-Channel Crosstalk
Note 5
–120
dB
V+= +5V, V–= 0V, VCM= V+/2; RL= 500kΩ to V+/2; TA
= 500kΩ to V+/2; T
= 500kΩ to V+/2; T = 25°C, unless otherwise noted.
Bold values indicate –40°C≤ TA
values indicate –40°C≤ T
values indicate –40°C≤ T ≤ +85°C.
VOS
Input Offset Voltage
–6
0.1
6
mV
–5
5
Differential Offset Voltage
0.5
mV
Input Offset Voltage Temp Coefficient
6
µV/°C
IB
Input Bias Current
10
pA
IOS
Input Offset Current
5
pA
VCM
Input Voltage Range (from V–)
CMRR > 60dB
3.5
4.1
V
CMRR
Common-Mode Rejection Ratio
0 < VCM < 3.5V,
60
87
dB
PSRR
Power Supply Rejection Ratio
Supply voltage change from 3V to 5V
60
92
dB
AVOL
A
A
Large-Signal Voltage Gain
R
VOL
VOL
L = 5kΩ, V
LL
OUT = 4.8VP-P
65
73
dB
RL = 100kΩ, V
LL
OUT = 4.8VP-P
80
86
dB
RL = 500kΩ, V
LL
OUT = 4.8VP-P
89
96
dB
VOUT
Maximum Output Voltage Swing
RL = 5kΩ
V+–50mV V+–37mV
V
RL = 500kΩ
V+–3mV V+–1.3mV
V
VOUT
Minimum Output Voltage Swing
RL = 5kΩ
V–+24mV
V–+ 40mV
mV
RL = 500kΩ
V–+0.7mV
V–+ 3mV
mV
GBW
Gain-Bandwidth Product
RL = 20kΩ, C
LL
L = 2pF, Av = 11
3
MHz
LL
PM
Phase Margin
45
°
BW
–3 dB Bandwidth
RL = 1MΩ, C
LL
L = 2pF, Av = 1
5
MHz
LL
SR
Slew Rate
RL = 1MΩ, C
LL
L = 2pF, Av = 1
4
V/µs
LL
Positive Slew Rate 1.8V/µs
ISC
Short-Circuit Output Current
Source
17
23
mA
Sink
18
27
mA
IS
Supply Current (per op amp)
No Load
31
47
µA
Channel-to-Channel Crosstalk
Note 5
–120
dB
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF. Pin 4 is ESD sensitive
Note 4. Exceeding the maximum differential input voltage will damage the input stage and degrade performance (in particular, input bias current is
likely to increase.
Note 5. DC signal referenced to input. Refer to Typical Characteristics graphs for AC performance.
Symbol
Parameter
Condition
Min
Typ
Max
Units
PSRR
Power Supply Rejection Ratio
Supply voltage change of
Large-Signal Voltage Gain
R
R
R
GBW
Gain-Bandwidth Product
R
PM
Phase Margin
R
BW
–3 dB Bandwidth
R
SR
Slew Rate
R
Positive Slew Rate 1.5V/µs
Short-Circuit Output Current
Source
Sink
Supply Current (per op amp)
No Load
28
Channel-to-Channel Crosstalk
Note 5
–120
dB
Symbol
Parameter
Condition
Min
Typ
Max
Units
PSRR
Power Supply Rejection Ratio
Supply voltage change of
Large-Signal Voltage Gain
R
R
R
GBW
Gain-Bandwidth Product
R
PM
Phase Margin
R
BW
–3 dB Bandwidth
R
SR
Slew Rate
R
Positive Slew Rate 1.5V/µs
Short-Circuit Output Current
Source
Sink
Supply Current (per op amp)
No Load
28
Channel-to-Channel Crosstalk
Note 5
–120
dB
Symbol
Parameter
Condition
Min
Typ
Max
Units
= 2pF, Av = 11
2.3
MHz
= 2pF, Av = 11
50
°
= 2pF, Av = 1
4.2
MHz
= 2pF, Av = 1
3
V/µs
Supply Current (per op amp)
No Load
28
Channel-to-Channel Crosstalk
Note 5
–120
dB
Symbol
Parameter
Condition
Min
Typ
Max
Units
85
dB
77
dB
90
dB
101
dB
= 2pF, Av = 11
2.3
MHz
= 2pF, Av = 11
50
°
= 2pF, Av = 1
4.2
MHz
= 2pF, Av = 1
3
V/µs
6.3
mA
6.2
mA
Supply Current (per op amp)
No Load
28
Channel-to-Channel Crosstalk
Note 5
–120
dB
Symbol
Parameter
Condition
Min
Typ
Max
Units
85
dB
77
dB
90
dB
101
dB
= 2pF, Av = 11
2.3
MHz
= 2pF, Av = 11
50
°
= 2pF, Av = 1
4.2
MHz
= 2pF, Av = 1
3
V/µs
6.3
mA
6.2
mA
Channel-to-Channel Crosstalk
Note 5
–120
dB
Symbol
Parameter
Condition
Min
Typ
Max
Units
85
dB
77
dB
90
dB
101
dB
= 2pF, Av = 11
2.3
MHz
= 2pF, Av = 11
50
°
= 2pF, Av = 1
4.2
MHz
= 2pF, Av = 1
3
V/µs
6.3
mA
6.2
mA
µA
Channel-to-Channel Crosstalk
Note 5
–120
dB
Input Offset Voltage
–5
5
Differential Offset Voltage
0.5
mV
Input Offset Current
5
pA
Input Voltage Range (from V–)
CMRR > 60dB
CMRR
Common-Mode Rejection Ratio
0 < V
PSRR
Power Supply Rejection Ratio
Supply voltage change from 3V to 5V
Large-Signal Voltage Gain
R
R
R
Maximum Output Voltage Swing
R
R
Minimum Output Voltage Swing
R
R
GBW
Gain-Bandwidth Product
R
PM
Phase Margin
45
°
BW
–3 dB Bandwidth
R
SR
Slew Rate
R
Positive Slew Rate 1.8V/µs
Short-Circuit Output Current
Source
Sink
Supply Current (per op amp)
No Load
31
Channel-to-Channel Crosstalk
Note 5
–120
dB
Input Offset Voltage
–5
5
Differential Offset Voltage
0.5
mV
Input Bias Current
10
pA
Input Offset Current
5
pA
Input Voltage Range (from V–)
CMRR > 60dB
CMRR
Common-Mode Rejection Ratio
0 < V
PSRR
Power Supply Rejection Ratio
Supply voltage change from 3V to 5V
Large-Signal Voltage Gain
R
R
R
Maximum Output Voltage Swing
R
R
Minimum Output Voltage Swing
R
R
GBW
Gain-Bandwidth Product
R
PM
Phase Margin
45
°
BW
–3 dB Bandwidth
R
SR
Slew Rate
R
Positive Slew Rate 1.8V/µs
Short-Circuit Output Current
Source
Sink
Supply Current (per op amp)
No Load
31
Channel-to-Channel Crosstalk
Note 5
–120
dB
–5
5
Differential Offset Voltage
0.5
mV
6
µV/°C
Input Bias Current
10
pA
Input Offset Current
5
pA
= 2pF, Av = 11
3
MHz
PM
Phase Margin
45
°
= 2pF, Av = 1
5
MHz
= 2pF, Av = 1
4
V/µs
Supply Current (per op amp)
No Load
31
Channel-to-Channel Crosstalk
Note 5
–120
dB
0.1
–5
5
Differential Offset Voltage
0.5
mV
6
µV/°C
Input Bias Current
10
pA
Input Offset Current
5
pA
4.1
V
87
dB
92
dB
73
dB
86
dB
96
dB
V+–37mV
V+–1.3mV
V–+24mV
V–+0.7mV
= 2pF, Av = 11
3
MHz
PM
Phase Margin
45
°
= 2pF, Av = 1
5
MHz
= 2pF, Av = 1
4
V/µs
23
mA
27
mA
Supply Current (per op amp)
No Load
31
Channel-to-Channel Crosstalk
Note 5
–120
dB
–5
5
Differential Offset Voltage
0.5
mV
6
µV/°C
Input Bias Current
10
pA
Input Offset Current
5
pA
4.1
V
87
dB
92
dB
73
dB
86
dB
96
dB
= 2pF, Av = 11
3
MHz
PM
Phase Margin
45
°
= 2pF, Av = 1
5
MHz
= 2pF, Av = 1
4
V/µs
23
mA
27
mA
Channel-to-Channel Crosstalk
Note 5
–120
dB
mV
Differential Offset Voltage
0.5
mV
6
µV/°C
Input Bias Current
10
pA
Input Offset Current
5
pA
4.1
V
87
dB
92
dB
73
dB
86
dB
96
dB
V
V
mV
mV
= 2pF, Av = 11
3
MHz
PM
Phase Margin
45
°
= 2pF, Av = 1
5
MHz
= 2pF, Av = 1
4
V/µs
23
mA
27
mA
µA
Channel-to-Channel Crosstalk
Note 5
–120
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com