Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2LA56ADFP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F2LA56ADFP
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2LA56ADFP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F2LA56ADFP Datasheet HTML 3Page - Renesas Technology Corp R5F2LA56ADFP Datasheet HTML 4Page - Renesas Technology Corp R5F2LA56ADFP Datasheet HTML 5Page - Renesas Technology Corp R5F2LA56ADFP Datasheet HTML 6Page - Renesas Technology Corp R5F2LA56ADFP Datasheet HTML 7Page - Renesas Technology Corp R5F2LA56ADFP Datasheet HTML 8Page - Renesas Technology Corp R5F2LA56ADFP Datasheet HTML 9Page - Renesas Technology Corp R5F2LA56ADFP Datasheet HTML 10Page - Renesas Technology Corp R5F2LA56ADFP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 7 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
1. Overview
Note:
1. Specify the D version if D version functions are to be used.
Table 1.8
Specifications (3)
Item
Function
Specification
LCD Drive Control
Circuit
R8C/LA3A
Group
Common output: Max. 4 pins
Segment output: Max. 11 pins
• Bias: 1/2, 1/3
• Duty: static, 1/2, 1/3, 1/4
R8C/LA5A
Group
Common output: Max. 4 pins
Segment output: Max. 27 pins
R8C/LA6A
Group
Common output: Max. 4 pins
Segment output: Max. 32 pins
R8C/LA8A
Group
Common output: Max. 4 pins
Segment output: Max. 40 pins
Flash Memory
• Programming and erasure voltage: VCC = 1.8 V to 5.5 V (data flash VCC = 1.8 V to
5.5 V)
• Programming and erasure endurance: 10,000 times (data flash)
10,000 times (program ROM)
• Program security: ROM code protect, ID code check
• On-chip debug function
• On-board flash rewrite function
Operating Frequency/
Supply Voltage
f(XIN) = 20 MHz (VCC = 2.7 V to 5.5 V)
f(XIN) = 8 MHz (VCC = 1.8 V to 5.5 V)
Current Consumption
Typ. 4.7 mA (VCC = 5.0 V, f(XIN) = 20 MHz)
Typ. 2.3 mA (VCC = 3.0 V, f(XIN) = 10 MHz)
Typ. 1.7
µA (VCC = 3.0 V, wait mode (f(XCIN) = 32 kHz))
Typ. 0.5
µA (VCC = 3.0 V, stop mode)
Typ. 1.3
µA (VCC = 3.0 V, power-off 2 mode, timer RH enabled)
Typ. 0.01
µA (VCC = 3.0 V, power-off 0 mode, timer RH disabled)
Operating Ambient Temperature
−20 to 85°C (N version)
−40 to 85°C (D version) (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com