Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F2LA58ADFP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F2LA58ADFP
Description  Household appliances, office equipment, audio equipment, consumer products
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2LA58ADFP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F2LA58ADFP Datasheet HTML 1Page - Renesas Technology Corp R5F2LA58ADFP Datasheet HTML 2Page - Renesas Technology Corp R5F2LA58ADFP Datasheet HTML 3Page - Renesas Technology Corp R5F2LA58ADFP Datasheet HTML 4Page - Renesas Technology Corp R5F2LA58ADFP Datasheet HTML 5Page - Renesas Technology Corp R5F2LA58ADFP Datasheet HTML 6Page - Renesas Technology Corp R5F2LA58ADFP Datasheet HTML 7Page - Renesas Technology Corp R5F2LA58ADFP Datasheet HTML 8Page - Renesas Technology Corp R5F2LA58ADFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 106 page
background image
R01DS0011EJ0100 Rev.1.00
Page 2 of 102
Dec 21, 2010
R8C/LA3A Group, R8C/LA5A Group, R8C/LA6A Group, R8C/LA8A Group
1. Overview
1.1.2
Differences between Groups
Table 1.1 lists the Differences between Groups, Tables 1.2 and 1.3 list the Programmable I/O Ports Provided for
Each Group, and Tables 1.4 and 1.5 list the LCD Display Function Pins Provided for Each Group.
Figures 1.9 to 1.12 show the pin assignment for each group, and Tables 1.9 to 1.12 list product information.
The explanations in the chapters which follow apply to the R8C/LA8A Group only. Note the differences shown
below.
Note:
1.
I/O ports are shared with I/O functions, such as interrupts or timers.
Refer to Tables 1.13 to 1.17, Pin Name Information by Pin Number, for details.
Table 1.1
Differences between Groups
Item
Function
R8C/LA3A Group
R8C/LA5A Group
R8C/LA6A Group
R8C/LA8A Group
I/O Ports
Programmable I/O ports
26 pins
44 pins
56 pins
72 pins
High current drive ports
8 pins
8 pins
8 pins
10 pins
Interrupts
INT interrupt pins
5 pins
6 pins
8 pins
8 pins
Timer RJ
Timer RJ0 output pin
None
None
None
1 pin
Timer RJ1 output pin
None
None
None
1 pin
Timer RJ2 I/O pin
None
None
None
1 pin
Timer RJ2 output pin
None
None
None
1 pin
Timer RH
Timer RH output pin
None
1 pin
1 pin
1 pin
Serial interface
UART2
None
None
1 pin
1 pin
A/D Converter
Analog input pins
5 pins
7 pins
8 pins
12 pins
LCD Drive
Control Circuit
Segment output pins
Max. 11 pins
Max. 27 pins
Max. 32 pins
Max. 40 pins
Comparator B
Analog input voltage
1 pin
2 pins
2 pins
2 pins
Reference input voltage
1 pin
2 pins
2 pins
2 pins
Clock
XCIN pin
Shared with
XIN pin
Dedicated pin
Dedicated pin
Dedicated pin
XCOUT pin
Shared with
XOUT pin
Dedicated pin
Dedicated pin
Dedicated pin
Packages
32-pin LQFP
52-pin LQFP
64-pin LQFP
80-pin LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com