Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3640MCNFB Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # R5F3640MCNFB
Description  cameras, televisions, household appliances, office equipment
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3640MCNFB Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button R5F3640MCNFB Datasheet HTML 47Page - Renesas Technology Corp R5F3640MCNFB Datasheet HTML 48Page - Renesas Technology Corp R5F3640MCNFB Datasheet HTML 49Page - Renesas Technology Corp R5F3640MCNFB Datasheet HTML 50Page - Renesas Technology Corp R5F3640MCNFB Datasheet HTML 51Page - Renesas Technology Corp R5F3640MCNFB Datasheet HTML 52Page - Renesas Technology Corp R5F3640MCNFB Datasheet HTML 53Page - Renesas Technology Corp R5F3640MCNFB Datasheet HTML 54Page - Renesas Technology Corp R5F3640MCNFB Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 91 page
background image
R01DS0016EJ0100 Rev.1.00
Page 51 of 88
Feb 07, 2011
M16C/64C Group
5. Electrical Characteristics
5.2
Electrical Characteristics (VCC1 = VCC2 = 5 V)
5.2.1
Electrical Characteristics
VCC1 = VCC2 = 5 V
Note:
1.
When VCC1 ≠ VCC2, refer to 5 V or 3 V standard depending on the voltage.
Table 5.17
Electrical Characteristics (1) (1)
VCC1 = VCC2 = 4.2 to 5.5 V, VSS = 0 V at Topr = −20°C to 85°C/−40°C to 85°C, f(BCLK) = 25 MHz unless otherwise
specified.
Symbol
Parameter
Measuring
Condition
Standard
Unit
Min.
Typ.
Max.
VOH
High output
voltage
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7
IOH = −5 mA
VCC1 − 2.0
VCC1
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7
IOH = −5 mA
VCC2 − 2.0
VCC2
VOH
High output
voltage
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7
IOH = −200 μAVCC1 − 0.3
VCC1
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7
IOH = −200 μA
VCC2 − 0.3
VCC2
VOH
High output voltage
XOUT
HIGH POWER
IOH = −1 mA
VCC1 − 2.0
VCC1
V
LOW POWER
IOH = −0.5 mA
VCC1 − 2.0
VCC1
High output voltage
XCOUT
HIGH POWER
With no load
applied
2.6
V
LOW POWER
With no load
applied
2.2
VOL
Low output
voltage
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7
IOL = 5 mA
2.0
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7
IOL = 5 mA
2.0
VOL
Low output
voltage
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7
IOL = 200 μA0.45
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7
IOL = 200 μA
0.45
VOL
Low output voltage
XOUT
HIGH POWER
IOL = 1 mA
2.0
V
LOW POWER
IOL = 0.5 mA
2.0
Low output voltage
XCOUT
HIGH POWER
With no load
applied
0V
LOW POWER
With no load
applied
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com