Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F36506CDFB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F36506CDFB
Description  televisions, household appliances, office equipment, communication devices
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36506CDFB Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F36506CDFB Datasheet HTML 3Page - Renesas Technology Corp R5F36506CDFB Datasheet HTML 4Page - Renesas Technology Corp R5F36506CDFB Datasheet HTML 5Page - Renesas Technology Corp R5F36506CDFB Datasheet HTML 6Page - Renesas Technology Corp R5F36506CDFB Datasheet HTML 7Page - Renesas Technology Corp R5F36506CDFB Datasheet HTML 8Page - Renesas Technology Corp R5F36506CDFB Datasheet HTML 9Page - Renesas Technology Corp R5F36506CDFB Datasheet HTML 10Page - Renesas Technology Corp R5F36506CDFB Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 112 page
background image
R01DS0015EJ0100 Rev.1.00
Page 7 of 109
Feb 07, 2011
M16C/65C Group
1. Overview
Figure 1.1
Part No., with Memory Size and Package
Figure 1.2
Marking Diagram (Top View)
Package type
FC: Package PLQP0128KB-A (128P6Q-A)
FA: Package PRQP0100JD-B (100P6F-A)
FB: Package PLQP0100KB-A (100P6Q-A)
Property Code
N: Operating temperature: -20°C to 85°C
D: Operating temperature: -40°C to 85°C
Memory type
F: Flash memory
R 5 F 3 6 5 0
6 C D FA
Renesas MCU
Renesas semiconductor
M16C/65C Group
Memory capacity
Program ROM 1/RAM
6: 128 KB/12 KB
E: 256 KB/20 KB
K: 384 KB/31 KB
M: 512 KB/31 KB
N: 512 KB/47 KB
16-bit MCU
Part No.
Number of pins
0: 100 pins
1: 128 pins
M 1 6 C
R 5 F 3 6 5 0 6 C D F A
X X X X X X X
Type No.
Running No. 0 to 9, A to Z (except for I, O, Q)
Week code (from 01 to 54)
Last one digit of year
(See Figure 1.1 “Part No., with Memory Size and Package”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com