Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F3650ECDFB Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # R5F3650ECDFB
Description  televisions, household appliances, office equipment, communication devices
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F3650ECDFB Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button R5F3650ECDFB Datasheet HTML 83Page - Renesas Technology Corp R5F3650ECDFB Datasheet HTML 84Page - Renesas Technology Corp R5F3650ECDFB Datasheet HTML 85Page - Renesas Technology Corp R5F3650ECDFB Datasheet HTML 86Page - Renesas Technology Corp R5F3650ECDFB Datasheet HTML 87Page - Renesas Technology Corp R5F3650ECDFB Datasheet HTML 88Page - Renesas Technology Corp R5F3650ECDFB Datasheet HTML 89Page - Renesas Technology Corp R5F3650ECDFB Datasheet HTML 90Page - Renesas Technology Corp R5F3650ECDFB Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 112 page
background image
R01DS0015EJ0100 Rev.1.00
Page 87 of 109
Feb 07, 2011
M16C/65C Group
5. Electrical Characteristics
VCC1 = VCC2 = 3 V
Note:
1.
This indicates the memory in which the program to be executed exists.
Table 5.43
Electrical Characteristics (3) (1/2)
R5F3651ECNFC, R5F3651KCNFC, R5F3650KCNFA, R5F3650KCNFB, R5F3651MCNFC, R5F3650MCNFA,
R5F3650MCNFB, R5F3651NCNFC, R5F3650NCNFA, R5F3650NCNFB,
R5F3651ECDFC, R5F3651KCDFC, R5F3650KCDFA, R5F3650KCDFB, R5F3651MCDFC, R5F3650MCDFA,
R5F3650MCDFB, R5F3651NCDFC, R5F3650NCDFA, R5F3650NCDFB
VCC1 = VCC2 = 2.7 to 3.3 V, VSS = 0 V at Topr = −20°C to 85°C/−40°C to 85°C, f(BCLK) = 32 MHz unless otherwise specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
RfXCIN
Feedback resistance
XCIN
16
M
Ω
ICC
Power supply current
In single-chip, mode,
the output pin are
open and other pins
are VSS
High-speed mode
f(BCLK) = 32 MHz
XIN = 4 MHz (square wave),
PLL multiplied by 8
125 kHz on-chip oscillator stopped
26.0
mA
f(BCLK) = 32 MHz, A/D conversion
XIN = 4 MHz (square wave),
PLL multiplied by 8
125 kHz on-chip oscillator stopped
27.0
mA
f(BCLK) = 20 MHz
XIN = 20 MHz (square wave)
125 kHz on-chip oscillator stopped
17.0
mA
40 MHz on-chip
oscillator mode
Main clock stopped
40 MHz on-chip oscillator on, no division
125 kHz on-chip oscillator stopped
18.0
mA
125 kHz on-chip
oscillator mode
Main clock stopped
40 MHz on-chip oscillator stopped
125 kHz on-chip oscillator on, no division
FMR22 = 1 (slow read mode)
500.0
μA
Low-power mode
f(BCLK) = 32 MHz
In low-power mode, FMR 22 = FMR23 = 1
on flash memory (1)
170.0
μA
f(BCLK) = 32 MHz
In low-power mode,
on RAM (1)
40.0
μA
Wait mode
Main clock stopped
40 MHz on-chip oscillator stopped
125 kHz on-chip oscillator on
Peripheral clock operating
Topr = 25°C
20.0
μA
f(BCLK) = 32 MHz (oscillation capacity High)
40 MHz on-chip oscillator stopped
125 kHz on-chip oscillator stopped
Peripheral clock operating
Topr = 25°C
8.0
μA
f(BCLK) = 32kHz (oscillation capacity Low)
40 MHz on-chip oscillator stopped
125 kHz on-chip oscillator stopped
Peripheral clock operating
Topr = 25°C
4.0
μA
XIN = 6 MHz
40 MHz on-chip oscillator stopped
125 kHz on-chip oscillator stopped
Peripheral clock f1 provision disabled except
timers (PCKSTP1A = 1)
Main clock as a timer clock source
(PCKSTP11 = 0, PCKSTP17 = 1)
A given timer operating
0.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com