Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2012-2PCQS Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2012-2PCQS
Description  USB Power Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2012-2PCQS Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2012-2PCQS Datasheet HTML 6Page - Micrel Semiconductor MIC2012-2PCQS Datasheet HTML 7Page - Micrel Semiconductor MIC2012-2PCQS Datasheet HTML 8Page - Micrel Semiconductor MIC2012-2PCQS Datasheet HTML 9Page - Micrel Semiconductor MIC2012-2PCQS Datasheet HTML 10Page - Micrel Semiconductor MIC2012-2PCQS Datasheet HTML 11Page - Micrel Semiconductor MIC2012-2PCQS Datasheet HTML 12Page - Micrel Semiconductor MIC2012-2PCQS Datasheet HTML 13Page - Micrel Semiconductor MIC2012-2PCQS Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MIC2012
Micrel
MIC2012/2072
10
January 2005
VMAIN = VAUX = 5V
CL = 100F
RL = 10
AUX Start-up by UVLO
TIME (500s/div)
V
AUX ramps from 0V to 5V
V
MAIN = S3# = 0V
EN = [ON]
R
LOAD = 50
C
LOAD = 1F
VMAIN = VAUX = 5V
CL = 100F
RL = 10
AUX Shutdown by UVLO
TIME (10ms/div)
2.96V
V
AUX ramps from 5V to 0V
V
MAIN = S3# = 0V
EN = [ON]
R
LOAD = 50
C
LOAD = 1F
Main Start-up by UVLO
TIME (500s/div)
3.20V
V
MAIN = VAUX;VMAIN & VAUX ramp from 0V to 5V
S3# = 5V
EN = [ON]
R
LOAD = 10
C
LOAD = 1F
S3# = 5V
EN = [ON]
R
LOAD = 10½
C
LOAD = 1µF
V
MAIN = VAUX;VMAIN & VAUX ramp from 5V to 0V
Main Shut-down by UVLO
TIME (10ms/div)
2.96V
Main Turn-On Response
TIME (250s/div)
V
MAIN = VAUX =5V
S3# = 5V
EN toggles from [OFF] to [ON]
R
LOAD = 10
C
LOAD = 1F
Main Turn-Off Response
TIME (100s/div)
V
MAIN = VAUX =5V
S3# = 5V
EN toggles from [ON] to [OFF]
R
LOAD = 10
C
LOAD = 1F
Functional Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com