Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R8C3NT Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R8C3NT
Description  Electronic household appliances, office equipment, audio equipment, consumer equipment
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C3NT Datasheet(HTML) 1 Page - Renesas Technology Corp

  R8C3NT Datasheet HTML 1Page - Renesas Technology Corp R8C3NT Datasheet HTML 2Page - Renesas Technology Corp R8C3NT Datasheet HTML 3Page - Renesas Technology Corp R8C3NT Datasheet HTML 4Page - Renesas Technology Corp R8C3NT Datasheet HTML 5Page - Renesas Technology Corp R8C3NT Datasheet HTML 6Page - Renesas Technology Corp R8C3NT Datasheet HTML 7Page - Renesas Technology Corp R8C3NT Datasheet HTML 8Page - Renesas Technology Corp R8C3NT Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
R01DS0047EJ0100 Rev.1.00
Page 1 of 55
Jan 25, 2011
R8C/3NT Group
RENESAS MCU
Datasheet
1.
Overview
1.1
Features
The R8C/3NT Group of single-chip MCUs incorporates the R8C CPU core, employing sophisticated instructions
for a high level of efficiency. With 1 Mbyte of address space, and it is capable of executing instructions at high
speed. In addition, the CPU core boasts a multiplier for high-speed operation processing.
Power consumption is low, and the supported operating modes allow additional power control. These MCUs are
designed to maximize EMI/EMS performance.
Integration of many peripheral functions, including multifunction timer and serial interface, reduces the number of
system components.
A sensor control unit is also integrated, enabling detection of the floating capacitance of the electrostatic capacitive
touch electrode.
The R8C/3NT Group has data flash (1 KB × 4 blocks) with the background operation (BGO) function.
1.1.1
Applications
Electronic household appliances, office equipment, audio equipment, consumer equipment, etc.
R01DS0047EJ0100
Rev.1.00
Jan 25, 2011


Similar Part No. - R8C3NT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C32A RENESAS-R8C32A Datasheet
6Mb / 603P
MCU M16C FAMILY / R8C/Tiny SERIES
R8C32A RENESAS-R8C32A Datasheet
454Kb / 56P
RENESAS MCU
R8C32A RENESAS-R8C32A_09 Datasheet
454Kb / 56P
RENESAS MCU
R8C32A RENESAS-R8C32A_15 Datasheet
467Kb / 58P
RENESAS MCU
R8C32C RENESAS-R8C32C Datasheet
517Kb / 55P
RENESAS MCU
More results

Similar Description - R8C3NT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3061 TOSHIBA-TLP3061 Datasheet
285Kb / 5P
office machine household use equipment
logo
Renesas Technology Corp
R8CL35A RENESAS-R8CL35A_09 Datasheet
1Mb / 89P
Household appliances, office equipment, audio equipment, consumer products, etc.
R5F2LA64ANFP RENESAS-R5F2LA64ANFP Datasheet
1Mb / 106P
Household appliances, office equipment, audio equipment, consumer products
M16C RENESAS-M16C_11 Datasheet
891Kb / 112P
televisions, household appliances, office equipment, communication devices
M16C64C RENESAS-M16C64C Datasheet
757Kb / 91P
cameras, televisions, household appliances, office equipment
R8C35M RENESAS-R8C35M Datasheet
560Kb / 57P
household appliances, office equipment, audio equipment, consumer equipment
R8C33M RENESAS-R8C33M Datasheet
548Kb / 56P
Electronic household appliances, office equipment, audio equipment, consumer equipment
R8C32M RENESAS-R8C32M Datasheet
541Kb / 56P
Electronic household appliances, office equipment, audio equipment, consumer equipment
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
Office Equipment Household Appliances
logo
American Electronic Com...
DG31H AEC-DG31H Datasheet
353Kb / 2P
Domestic appliances, office equipment etc
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com