Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2178BWM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2178BWM
Description  2.5A Synchronous Buck Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2178BWM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2178BWM Datasheet HTML 1Page - Micrel Semiconductor MIC2178BWM Datasheet HTML 2Page - Micrel Semiconductor MIC2178BWM Datasheet HTML 3Page - Micrel Semiconductor MIC2178BWM Datasheet HTML 4Page - Micrel Semiconductor MIC2178BWM Datasheet HTML 5Page - Micrel Semiconductor MIC2178BWM Datasheet HTML 6Page - Micrel Semiconductor MIC2178BWM Datasheet HTML 7Page - Micrel Semiconductor MIC2178BWM Datasheet HTML 8Page - Micrel Semiconductor MIC2178BWM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MIC2178
Micrel, Inc.
M9999-031805
2
March 2005
Pin Description
Pin Number
Pin Name
Pin Function
1, 2, 9
VIN
Supply Voltage (Input): Requires bypass capacitor to PGND. All three pins
must be connected to V
IN.
3, 8
SW
Switch (Output): Internal power MOSFET output switches. Both pins must
be externally connected together.
4, 5, 6, 7
PGND
Power Ground: Connect all pins to central ground point.
10
PWM
PWM/Skip-Mode Control (Input): Logic-level input. Controls regulator
operating mode. Logic low enables PWM mode. Logic high enables skip
mode. Do not allow pin to float.
11
PWRGD
Error Flag (Output): Open-drain output. Active low when FB input is 10%
below the reference voltage (V
REF).
12
FB
Feedback (Input): Connect to output voltage divider resistors.
13
COMP
Compensation: Output of internal error amplifier. Connect capacitor or
series RC network to compensate the regulator control loop.
14, 15, 16, 17
SGND
Signal Ground: Connect all pins to ground, PGND*.
18
SYNC
Frequency Synchronization (Input): Optional. Connect an external clock
signal to synchronize the oscillator. Leading edge of signal above 1.7V
terminates switching cycle. Connect to SGND if not used.
19
BIAS
Internal 3.3V Bias Supply: Decouple with 0.01µF bypass capacitor to
SGND. Do not apply any external load.
20
EN
Enable (Input): Logic high enables operation. Logic low shuts down
regulator. Do not allow pin to float.
Pin Configuration
2
VIN
3
SW
4
PGND
5
PGND
6
PGND
7
PGND
1
VIN
8
SW
9
VIN
EN
20
BIAS
19
SYNC
18
SGND
17
SGND
16
SGND
15
10
PWM
14
13
12
11 PWRGD
FB
COMP
SGND
20-Lead Wide Power SOIC
Ordering Information
Part Number
Standard*
Pb-Free
Voltage
Junction Temp.
Package
MIC2178BWM
MIC2178YWM
ADJ
–40°C to +85°C
20-lead WSOIC
MIC2178-3.3BWM
MIC2178-3.3YWM
3.3V
–40°C to +85°C
20-lead WSOIC
MIC2178-5.0BWM
MIC2178-5.0YWM
5.0V
–40°C to +85°C
20-lead WSOIC
* Standard product will be supported as Pb-Free IAW PPCN #040004 effective 1-1-2005.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com