Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2202BML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2202BML
Description  High Efficiency 2MHz Synchronous Buck Converter 1關F Stable PWM Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2202BML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2202BML Datasheet HTML 1Page - Micrel Semiconductor MIC2202BML Datasheet HTML 2Page - Micrel Semiconductor MIC2202BML Datasheet HTML 3Page - Micrel Semiconductor MIC2202BML Datasheet HTML 4Page - Micrel Semiconductor MIC2202BML Datasheet HTML 5Page - Micrel Semiconductor MIC2202BML Datasheet HTML 6Page - Micrel Semiconductor MIC2202BML Datasheet HTML 7Page - Micrel Semiconductor MIC2202BML Datasheet HTML 8Page - Micrel Semiconductor MIC2202BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Micrel, Inc.
MIC2202
March 2007
3
M9999-031907
Absolute Maximum Ratings
(1)
Supply Voltage (VIN).........................................................6V
Output Switch Voltage (VSW) ............................................6V
Logic Input Voltage (VEN, VSYNC_IN).................... VIN to –0.3V
Power Dissipation ..................................................... Note 3
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating
(4).................................................................. 2kV
Operating Ratings
(2)
Supply Voltage (VIN)..................................... +2.3V to +5.5V
Junction Temperature (TJ) ..................–40°C ≤ TJ ≤ +125°C
Package Thermal Resistance
MSOP-10L (
θJA)...............................................115°C/W
3x3 MLF-10 (
θJA) ...............................................60°C/W
Electrical Characteristics
(5)
TA = 25°C with VIN = 3.5V unless otherwise noted; bold values indicate –40°C< TJ < +125°C.
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage Range
2.3
5.5
V
EN = VIN; VFB = 0.55V (not switching)
350
450
µA
Quiescent Current
EN = 0V
0.01
1
µA
MIC2202 [Adjustable] Feedback
Voltage
0.4875
0.5
0.5125
V
Output Voltage Line Regulation
VOUT < 2V; VIN = 2.3V to 5.5V, ILOAD= 100mA
0.05
0.5
%
Output Voltage Load Regulation
0mA < ILOAD < 500mA
0.1
0.5
%
Bias Regulator Output Voltage
2.2
2.32
2.6
V
Maximum Duty Cycle
VFB = 0.7V
100
%
Current Limit
VFB = 0.7V
1
1.8
2.5
A
Switch ON-Resistance
VIN = 3.5V, ISW = 300mA; VFB = 0.35V
0.65
0.9
Ω
VIN = 3.5V, ISW = 300mA; VFB = 0.55V
0.55
0.75
Ω
Enable Input Current
0.01
1
µA
Sync Frequency Range
1.6
2.5
MHz
SYNC_IN Threshold
0.7
1
1.7
V
Sync Minimum Pulse Width
10
ns
SYNC_IN Input Current
1
µA
Oscillator Frequency
1.8
2
2.2
MHz
Enable Threshold
0.5
0.9
1.3
V
Enable Hysteresis
20
mV
Over-temperature Shutdown
160
°C
Over-temperature Shutdown
Hysteresis
20
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Absolute maximum power dissipation is limited by maximum junction temperature where PD(MAX) = (TJ(MAX) – TA) ÷ θJA.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
5. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com