Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2253 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2253
Description  3.5A 1MHz High Efficiency Boost Regulator with OVP and Softstart
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2253 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2253 Datasheet HTML 1Page - Micrel Semiconductor MIC2253 Datasheet HTML 2Page - Micrel Semiconductor MIC2253 Datasheet HTML 3Page - Micrel Semiconductor MIC2253 Datasheet HTML 4Page - Micrel Semiconductor MIC2253 Datasheet HTML 5Page - Micrel Semiconductor MIC2253 Datasheet HTML 6Page - Micrel Semiconductor MIC2253 Datasheet HTML 7Page - Micrel Semiconductor MIC2253 Datasheet HTML 8Page - Micrel Semiconductor MIC2253 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Micrel, Inc.
MIC2253
February 2010
5
M9999-021710-B
Typical Characteristics
(Continued)
Enable T hreshold
vs. Input Voltage
1.20
1.22
1.24
1.26
1.28
1.30
1.32
1.34
1.36
1.38
1.40
2.5
4.0
5.5
7.0
8.5
10.0
IN PU T VOLTAGE (V)
VOUT = 12V
IOUT = 20mA
L = 2.2µH
C = 22µF
Saturation Voltage
vs. Switch Current
0
50
100
150
200
250
300
350
400
450
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
SWITCH CURRENT (A)
VIN = 2.5V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com