Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2285A Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC2285A
Description  8MHz PWM Synchronous Buck Regulator with LDO Standby Mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2285A Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC2285A Datasheet HTML 6Page - Micrel Semiconductor MIC2285A Datasheet HTML 7Page - Micrel Semiconductor MIC2285A Datasheet HTML 8Page - Micrel Semiconductor MIC2285A Datasheet HTML 9Page - Micrel Semiconductor MIC2285A Datasheet HTML 10Page - Micrel Semiconductor MIC2285A Datasheet HTML 11Page - Micrel Semiconductor MIC2285A Datasheet HTML 12Page - Micrel Semiconductor MIC2285A Datasheet HTML 13Page - Micrel Semiconductor MIC2285A Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Micrel, Inc.
MIC2285A
August 2007
13
M9999-083107-B
Adjustable Output
Bill of Materials
Item
Part Number
Manufacturer Description
Qty
06036D105MAT2
AVX
(1)
C1
GRM185R60J105KE21D
Murata
(2)
1µF Ceramic Capacitor X5R, 6.3V 0603
1
0201ZD103MAT2
AVX
(1)
C2
GRM033R10J103KA01D
Murata
(2)
10nF Ceramic Capacitor, 6.3V 0201
1
C3
VJ0402A101KXAA
Vishay
(3)
100pF Ceramic Capacitor
1
AVX
(1)
C4
Murata
(2)
10µF Ceramic Capacitor X5R, 6.3V 0603
1
LQM21PNR47M00
Murata
(2)
0.47µH Inductor, 120mΩ 2.0mm x 1.25mm x 0.5mm
L1
Murata
(2)
0.47µH Inductor, 97mΩ 3.2mm x 2.5mm x 1.55mm
1
Sumida
(4)
0.47µH Inductor, 94mΩ 3.2mm x 3.2mm x 1.55mm
R1
CRCW04021002F
Vishay-Dale
(3)
100kΩ 1% 0402 Resistor
1
CRCW04026652F
Vishay-Dale
(3)
66.5kΩ 1% 0402 Resistor for 2.5VOUT
CRCW04021243F
Vishay-Dale
(3)
124kΩ 1% 0402 Resistor for 1.8VOUT
CRCW04022003F
Vishay-Dale
(3)
200kΩ 1% 0402 Resistor for 1.5VOUT
CRCW04024023F
Vishay-Dale
(3)
402kΩ 1% 0402 Resistor for 1.2VOUT
R2
Open
for 1.0VOUT
1
R3
CRCW040220R5F
Vishay
(3)
20Ω 1% 0402 Resistor
1
U1
MIC2285AYMT
Micrel
(5)
8MHz Synchronous Buck Regulator with LOWQ
® Mode
1
Notes
:
1. AVX: www.avxcorp.com
2. Murata: www.murata.com
3. Vishay: www.vishay.com
4. Sumida: www.sumida.com
5. Micrel, Inc.: www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com