Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2288BML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2288BML
Description  1A 1.2MHz PWM Boost Converter in Thin SOT-23 and 2횞2 MLF
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2288BML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2288BML Datasheet HTML 1Page - Micrel Semiconductor MIC2288BML Datasheet HTML 2Page - Micrel Semiconductor MIC2288BML Datasheet HTML 3Page - Micrel Semiconductor MIC2288BML Datasheet HTML 4Page - Micrel Semiconductor MIC2288BML Datasheet HTML 5Page - Micrel Semiconductor MIC2288BML Datasheet HTML 6Page - Micrel Semiconductor MIC2288BML Datasheet HTML 7Page - Micrel Semiconductor MIC2288BML Datasheet HTML 8Page - Micrel Semiconductor MIC2288BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MIC2288
Micrel, Inc.
M9999-042205
2
April 2005
Pin Description
Pin Number
Pin Number
TSOT-23-5
2×
×
×
×
×2 MLF™-8
Pin Name
Pin Function
17
SW
Switch Node (Input): Internal power Bipolar collector.
2
GND
Ground (Return): Ground.
36
FB
Feedback (Input): 1.24V output voltage sense node.
V
OUT = 1.24V
1
R1
R2
+
43
EN
Enable (Input): Logic high enables regulator. Logic low shuts down regulator.
52
VIN
Supply (Input): 2.5V to 10V input voltage.
1
OVP
Output Overvoltage Protection (Input): Tie this pin to V
OUT to clamp the
output voltage to 34V maximum in fault conditions. Tie this pin to ground if
OVP function is not required.
5NC
No Connect: No internal connection to die.
4
AGND
Analog ground.
8
PGND
Power ground.
EP
GND
Exposed backside pad.
Pin Configuration
FB GND
EN
VIN
SW
3
1
5
2
4
TSOT-23-5 (D5)
OVP
VIN
EN
AGND
PGND
SW
FB
NC
1
2
3
4
8
7
6
5
EP
8-Pin MLF™ (ML)
(Top View)
Fused Lead Frame
Ordering Information
Marking
Output
Overvoltage
Junction
Part Number
Code
Voltage
Protection
Temp. Range
Package
Lead Finish
MIC2288BD5
SHAA
Adjustable
–
–40°C to 125°C
Thin SOT-23-5
Standard
MIC2288YD5
SHAA
Adjustable
–
–40°C to 125°C
Thin SOT-23-5
Lead Free
MIC2288BML
SJA
Adjustable
34V
–40°C to 125°C2×2 MLF™-8
Standard
MIC2288YML
SJA
Adjustable
34V
–40°C to 125°C2×2 MLF™-8
Lead Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com