Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2295BML Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2295BML
Description  High Power Density 1.2A Boost Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2295BML Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2295BML Datasheet HTML 2Page - Micrel Semiconductor MIC2295BML Datasheet HTML 3Page - Micrel Semiconductor MIC2295BML Datasheet HTML 4Page - Micrel Semiconductor MIC2295BML Datasheet HTML 5Page - Micrel Semiconductor MIC2295BML Datasheet HTML 6Page - Micrel Semiconductor MIC2295BML Datasheet HTML 7Page - Micrel Semiconductor MIC2295BML Datasheet HTML 8Page - Micrel Semiconductor MIC2295BML Datasheet HTML 9Page - Micrel Semiconductor MIC2295BML Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Micrel
MIC2295
April 2005
6
M9999-042605
(408) 955-1690
0.8
0.9
1.0
1.1
1.2
1.3
1.4
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
Frequency
vs. Temperature
11.8
11.85
11.9
11.95
12
12.05
12.1
12.15
12.2
0
25
50
75
100 125 150
LOAD (mA)
Load Regulation
V
IN
=
3.6V
80
82
84
86
88
90
92
94
96
98
100
2.5
4
5.5
7
8.5
10
SUPPLY VOLTAGE (V)
Maximum Duty Cycle
vs. Supply Voltage
0
100
200
300
400
500
600
700
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (
°C)
FB Pin Current
vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com