Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2296BML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2296BML
Description  High Power Density 1.2A Boost Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2296BML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2296BML Datasheet HTML 1Page - Micrel Semiconductor MIC2296BML Datasheet HTML 2Page - Micrel Semiconductor MIC2296BML Datasheet HTML 3Page - Micrel Semiconductor MIC2296BML Datasheet HTML 4Page - Micrel Semiconductor MIC2296BML Datasheet HTML 5Page - Micrel Semiconductor MIC2296BML Datasheet HTML 6Page - Micrel Semiconductor MIC2296BML Datasheet HTML 7Page - Micrel Semiconductor MIC2296BML Datasheet HTML 8Page - Micrel Semiconductor MIC2296BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel, Inc.
MIC2296
January 2010
2
M9999-011310
Ordering Information
Part Number
Marking Code
Standard
Lead-Free
Output Over
Voltage Protection
Standard
Lead-Free
Junction
Temp. Range
Package
MIC2296BML
MIC2296YML
34V
WDA
WDA
-40
°C to 125°C
8-Pin 2mm x2mm MLF
®
MIC2296BD5*
MIC2296YD5*
-
WDAA
WDAA
-40
°C to 125°C
5-Pin Thin SOT-23
* Contact factory for availability.
Pin Configuration
FB GND
EN
VIN
SW
3
1
5
2
4
TSOT-23-5 (BD5)
1
OVP
VIN
EN
AGND
8
PGND
SW
FB
NC
7
6
5
2
3
4
EP
8-pin MLF
® (BML)
Pin Description
MIC2296BD5
Thin SOT-23-5
MIC2296BML
2x2 MLF-8L
Pin Name
Pin Function
—
1
OVP
Output Over-Voltage Protection (Input): Tie this pin to VOUT to clamp
the output voltage to 34V maximum in fault conditions. Tie this pin to
ground if OVP function is not required.
5
2
VIN
Supply (Input): 2.5V to 10V input voltage.
4
3
EN
Enable (Input): Logic high enables regulator. Logic low shuts down
regulator.
—
4
AGND
Analog ground
—
5
N/C
No connect. No internal connection to die.
3
6
FB
Feedback (Input): 1.24V output voltage sense node. VOUT = 1.24V ( 1 +
R1/R2)
1
7
SW
Switch Node (Input): Internal power BIPOLAR collector.
—
8
PGND
Power ground
2
—
GND
Ground (Return): Ground.
—
EP
GND
Ground (Return). Exposed backside pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com