Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4451 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4451
Description  12A-Peak Low-Side MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4451 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4451 Datasheet HTML 1Page - Micrel Semiconductor MIC4451 Datasheet HTML 2Page - Micrel Semiconductor MIC4451 Datasheet HTML 3Page - Micrel Semiconductor MIC4451 Datasheet HTML 4Page - Micrel Semiconductor MIC4451 Datasheet HTML 5Page - Micrel Semiconductor MIC4451 Datasheet HTML 6Page - Micrel Semiconductor MIC4451 Datasheet HTML 7Page - Micrel Semiconductor MIC4451 Datasheet HTML 8Page - Micrel Semiconductor MIC4451 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Micrel Inc.
MIC4451/4452
January 2011
2
M9999-011811
Ordering Information
Part Number
Standard
Pb-Free
Temperature Range
Package
Configuration
−
MIC4451YN
−40°C to +85°C
8-pin Plastic DIP
Inverting
MIC4451BM
MIC4451YM
−40°C to +85°C
8-pin SOIC
Inverting
−
MIC4451ZT
0°C to +70°C
5-pin TO-220
Inverting
−
MIC4452YN
−40°C to +85°C
8-pin Plastic DIP
Non-Inverting
MIC4452BM
MIC4452YM
−40°C to +85°C
8-pin SOIC
Non-Inverting
−
MIC4452ZT
0°C to +70°C
5-pin TO-220
Non-Inverting
Pin Configurations
1
2
3
4
8
7
6
5
VS
OUT
OUT
GND
VS
IN
NC
GND
5OUT
4GND
3VS
2GND
1IN
Pin Description
Pin Number
T0-220-5
Pin Number
DIP, SOIC
Pin Name
Pin Function
1
2
IN
Control Input
2, 4
4, 5
GND
Ground: Duplicate Pins must be externally connected together.
3, TAB
1, 8
VS
Supply Input: Duplicate pins must be externally connected together.
5
6, 7
OUT
Output: Duplicate pins must be externally connected together.
3
NC
Not Connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com