Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC4452YN Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC4452YN
Description  12A-Peak Low-Side MOSFET Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4452YN Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC4452YN Datasheet HTML 6Page - Micrel Semiconductor MIC4452YN Datasheet HTML 7Page - Micrel Semiconductor MIC4452YN Datasheet HTML 8Page - Micrel Semiconductor MIC4452YN Datasheet HTML 9Page - Micrel Semiconductor MIC4452YN Datasheet HTML 10Page - Micrel Semiconductor MIC4452YN Datasheet HTML 11Page - Micrel Semiconductor MIC4452YN Datasheet HTML 12Page - Micrel Semiconductor MIC4452YN Datasheet HTML 13Page - Micrel Semiconductor MIC4452YN Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Micrel Inc.
MIC4451/4452
January 2011
11
M9999-011811
Transition Power Dissipation
Transition power is dissipated in the driver each time its
output changes state, because during the transition, for
a very brief interval, both the N- and P-channel
MOSFETs
in
the
output
totem-pole
are
ON
simultaneously, and a current is conducted through them
from VS to ground. The transition power dissipation is
approximately:
PT = 2 f VS (A × s)
where (A
× s) is a time-current factor derived from the
typical characteristic curve “Crossover Energy vs.
Supply Voltage.” Total power (PD) then, as previously
described is:
PD = PL + PQ + PT
Definitions
CL = Load Capacitance in Farads.
D = Duty Cycle expressed as the fraction of time the
input to the driver is high.
f = Operating Frequency of the driver in Hertz
IH = Power supply current drawn by a driver when both
inputs are high and neither output is loaded.
IL = Power supply current drawn by a driver when both
inputs are low and neither output is loaded.
ID = Output current from a driver in Amps.
PD = Total power dissipated in a driver in Watts.
PL = Power dissipated in the driver due to the driver’s
load in Watts.
PQ = Power dissipated in a quiescent driver in Watts.
PT = Power dissipated in a driver when the output
changes states (“shoot-through current”) in Watts.
NOTE: The “shoot-through” current from a dual
transition (once up, once down) for both drivers is
stated in Figure 7 in ampere-nanoseconds. This
figure
must
be
multiplied
by
the
number
of
repetitions per second (frequency) to find Watts.
RO = Output resistance of a driver in Ohms.
VS = Power supply voltage to the IC in Volts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com