Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR10CS-12LB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # BCR10CS-12LB
Description  Triac Medium Power Use
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR10CS-12LB Datasheet(HTML) 7 Page - Renesas Technology Corp

  BCR10CS-12LB Datasheet HTML 1Page - Renesas Technology Corp BCR10CS-12LB Datasheet HTML 2Page - Renesas Technology Corp BCR10CS-12LB Datasheet HTML 3Page - Renesas Technology Corp BCR10CS-12LB Datasheet HTML 4Page - Renesas Technology Corp BCR10CS-12LB Datasheet HTML 5Page - Renesas Technology Corp BCR10CS-12LB Datasheet HTML 6Page - Renesas Technology Corp BCR10CS-12LB Datasheet HTML 7Page - Renesas Technology Corp BCR10CS-12LB Datasheet HTML 8Page - Renesas Technology Corp BCR10CS-12LB Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BCR10CS-12LB
Preliminary
R07DS0224EJ0400 Rev.4.00
Page 7 of 8
Dec 14, 2010
Package Dimensions
10.2 ± 0.3
1.37 ± 0.2
4.44 ± 0.2
1.3 ± 0.15
0.1
+ 0.2
– 0.1
0.4 ± 0.1
2.49 ± 0.2
0.86
+ 0.2
– 0.1
2.54 ± 0.5
2.54 ± 0.5
1.3 ± 0.2
7.8
6.6
2.2
SC-83
1.30g
MASS[Typ.]
LDPAK(S)-(1) / LDPAK(S)-(1)V
PRSS0004AE-B
RENESAS Code
JEITA Package Code
Previous Code
Unit: mm
Package Name
LDPAK(S)-(1)
SC-83
1.2g
MASS[Typ.]
TO-220S
PRSS0004AB-A
RENESAS Code
JEITA Package Code
Previous Code
Unit: mm
10.5Max
0.8
0.5
4.5
0
+0.3
–0
Package Name
TO-220S
EOL
P
OL
OL
O
O
OL
L
L
OL
OL
OL
OL
L
L
L PKG
K
PK
K
K
K
K
K
P
OL
OL
OL
OL
OL
OL
L
L
L
L
L
L
OL
OL
L
L
OL
OL
OL
O
O
OL
O
O
O
O
O
O
P
P
L P
P
P
LP
L
L
L
OL
L
L
L P
K
PK
K
KG
K
PK
K
P
P
P
P
P
P
P
P
P
L
L
L
L
L
L
O
O
O
O
O
O
OL
OL
OL
O
O
O
OL
OL
OL
L
L
L
L
K
K
K
K
K
K
K
K
PK
PK
K
5
1
1.3
1.3
4.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com