Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR16CS-16LB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # BCR16CS-16LB
Description  Triac Medium Power Use
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR16CS-16LB Datasheet(HTML) 4 Page - Renesas Technology Corp

  BCR16CS-16LB Datasheet HTML 1Page - Renesas Technology Corp BCR16CS-16LB Datasheet HTML 2Page - Renesas Technology Corp BCR16CS-16LB Datasheet HTML 3Page - Renesas Technology Corp BCR16CS-16LB Datasheet HTML 4Page - Renesas Technology Corp BCR16CS-16LB Datasheet HTML 5Page - Renesas Technology Corp BCR16CS-16LB Datasheet HTML 6Page - Renesas Technology Corp BCR16CS-16LB Datasheet HTML 7Page - Renesas Technology Corp BCR16CS-16LB Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BCR16CS-16LB
Preliminary
R07DS0226EJ0100 Rev.1.00
Page 4 of 7
Dec 14, 2010
RMS On-State Current (A)
Maximum On-State Power Dissipation
RMS On-State Current (A)
Allowable Case Temperature vs.
RMS On-State Current
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
Junction Temperature (°C)
Repetitive Peak Off-State Current vs.
Junction Temperature
Holding Current vs.
Junction Temperature
Junction Temperature (°C)
RMS On-State Current (A)
Allowable Ambient Temperature vs.
RMS On-State Current
40
30
15
10
5
35
25
20
0
20
0
24
8
6
1012141618
40
12
10
8
160
120
100
60
20
0
20
0
80
140
2
4
614 16 18
103
7
5
3
2
–60
–20
20
102
7
5
3
2
60
100
140 160
4
4
–40
0
40
80
120
101
140160
40
–40
–60
–20 0 20
60 80 100 120
105
7
5
3
2
104
7
5
3
2
103
7
5
3
2
5
3
2
102
40
12
10
8
160
120
100
60
20
0
20
0
80
140
2
4
614 16 18
160
120
100
60
20
0
4.0
2.0
0
1.0 1.5
2.5 3.0 3.5
40
80
140
0.5
360° Conduction
Resistive,
inductive loads
Curves apply regardless
of conduction angle
360° Conduction
Resistive,
inductive loads
All fins are black painted
aluminum and greased
120
× 120 × t2.3
100
× 100 × t2.3
60
× 60 × t2.3
Curves apply
regardless of
conduction angle
Resistive, inductive loads
Natural convection
Typical Example
Typical Example
Natural convection
No fins
Curves apply regardless
of conduction angle
Resistive, inductive loads



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com