Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5239BMM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5239BMM
Description  Low Quiescent Current 500mA 關Cap LDO Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5239BMM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5239BMM Datasheet HTML 1Page - Micrel Semiconductor MIC5239BMM Datasheet HTML 2Page - Micrel Semiconductor MIC5239BMM Datasheet HTML 3Page - Micrel Semiconductor MIC5239BMM Datasheet HTML 4Page - Micrel Semiconductor MIC5239BMM Datasheet HTML 5Page - Micrel Semiconductor MIC5239BMM Datasheet HTML 6Page - Micrel Semiconductor MIC5239BMM Datasheet HTML 7Page - Micrel Semiconductor MIC5239BMM Datasheet HTML 8Page - Micrel Semiconductor MIC5239BMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MIC5239
Low Quiescent Current 500mA µCap
LDO Regulator
MLF and MicroLeadFrame is a registered trademark of Amkor Technologies
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
December 2007
M9999-121007
General Description
The MIC5239 is a low quiescent current, µCap low-dropout
regulator. With a maximum operating input voltage of 30V
and a quiescent current of 23µA, it is ideal for supplying
keep-alive power in systems with high voltage batteries.
Capable of 500mA output, the MIC5239 has a dropout
voltage of only 350mV. It can provide high output current
for applications such as USB.
As a µCap LDO, the MIC5239 is stable with either a
ceramic or a tantalum output capacitor. It only requires a
3.3µF output capacitor for stability.
The MIC5239 includes a logic compatible enable input and
an undervoltage error flag indicator. Other features of the
MIC5239 include thermal shutdown, current limit, overvolt-
age shutdown, reverse-leakage protection, and reverse-
battery protection.
Available in the thermally enhanced SOIC-8, MSOP-8 and
SOT-223, the MIC5239 comes in fixed 1.5V, 1.8V, 2.5V,
3.0V, 3.3V and 5.0V, and adjustable voltages. For other
output voltages, contact Micrel.
All support documentation can be found on Micrel’s web
site at: www.micrel.com.
Features
• Ultra-low quiescent current (IQ = 23µA @IO = 100µA)
• Continuous 500mA output current
• Wide input range: 2.3V to 30V
• Low dropout voltage: 350mV @500mA
• ±1.0% initial output accuracy
• Stable with ceramic or tantalum output capacitor
• Logic compatible enable input
• Low output voltage error flag indicator
• Overcurrent protection
• Thermal shutdown
• Reverse-leakage protection
• Reverse-battery protection
• High-power SOIC-8, MSOP-8 and SOT-223 packages
Applications
• USB power supply
• Keep-alive supply in notebook and portable personal
computers
• Logic supply from high voltage batteries
• Automotive electronics
• Battery-powered systems
___________________________________________________________________________________________________________
Typical Application
IGND = 23µA
VOUT
3.0V/100µA
VIN
30V
IN
MIC5239
EN
OUT
GND
FLG
Regulator with Low IO and Low IQ
40
35
30
25
20
15
10
914
19
24
29
4
IOUT = 1mA
IOUT = 10µA
IOUT = 100µA
Ground Current vs. Input Voltage


Similar Part No. - MIC5239BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5239BMM MICREL-MIC5239BMM Datasheet
96Kb / 12P
Low Quiescent Current 500mA UCap LDO Regulator
More results

Similar Description - MIC5239BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5236 MICREL-MIC5236 Datasheet
94Kb / 12P
Low Quiescent Current 關Cap LDO Regulator Preliminary Information
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
Low Quiescent Current 500mA UCap LDO Regulator
MIC5232 MICREL-MIC5232_08 Datasheet
365Kb / 10P
10mA Ultra-Low Quiescent Current 關Cap LDO
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
Low Quiescent Current 關Cap LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5319 MICREL-MIC5319_10 Datasheet
898Kb / 12P
500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
500mA Low Quiescent Current CMOS LDO
logo
Micrel Semiconductor
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013_13 Datasheet
111Kb / 5P
500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_14 Datasheet
107Kb / 5P
500mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com