Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5280 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5280
Description  25mA, 120V, Low IQ, High PSRR LDO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5280 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5280 Datasheet HTML 1Page - Micrel Semiconductor MIC5280 Datasheet HTML 2Page - Micrel Semiconductor MIC5280 Datasheet HTML 3Page - Micrel Semiconductor MIC5280 Datasheet HTML 4Page - Micrel Semiconductor MIC5280 Datasheet HTML 5Page - Micrel Semiconductor MIC5280 Datasheet HTML 6Page - Micrel Semiconductor MIC5280 Datasheet HTML 7Page - Micrel Semiconductor MIC5280 Datasheet HTML 8Page - Micrel Semiconductor MIC5280 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Micrel, Inc.
MIC5280
January 2009
2
M9999-012209-A
Ordering Information
Part Number
Voltage
Temperature Range
Package
Lead Finish
MIC5280YME
Adj.
–40° to +125°C
8-Pin EPAD SOIC
Pb-Free
Pin Configuration
1
CBYP
VOUT
ADJ
GND
8 VIN
NC
NC
EN
7
6
5
2
3
4
8-Pin EPAD SOIC (ME)
Pin Description
Pin Number
Pin Name
Pin Function
1
CBYP
Connect 10µF capacitor. Increases PSRR when VIN ≥ 6.5V.
2
VOUT
Regulator Output Pin. Connect 2.2µF for better stable operation.
3
ADJ
Connect pin 3 to external resistor divider to set VOUT.
4
GND
Ground.
5
EN
Enable pin. Enable Low turns part OFF, Enable High turns part ON.
6, 7
NC
Not internally connected.
8
VIN
Supply Input pin. Supply (Input): -24V to 120V input voltage.
EP
–
Exposed Pad – Connect to Ground plane trace.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com