Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR2PM-14LE Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # BCR2PM-14LE
Description  Triac Medium Power Use
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR2PM-14LE Datasheet(HTML) 3 Page - Renesas Technology Corp

  BCR2PM-14LE Datasheet HTML 1Page - Renesas Technology Corp BCR2PM-14LE Datasheet HTML 2Page - Renesas Technology Corp BCR2PM-14LE Datasheet HTML 3Page - Renesas Technology Corp BCR2PM-14LE Datasheet HTML 4Page - Renesas Technology Corp BCR2PM-14LE Datasheet HTML 5Page - Renesas Technology Corp BCR2PM-14LE Datasheet HTML 6Page - Renesas Technology Corp BCR2PM-14LE Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BCR2PM-14LE
Preliminary
R07DS0233EJ0100 Rev.1.00
Page 3 of 6
Jan 05, 2011
Performance Curves
PGM = 1 W
PG(AV)
= 0.1 W
IGM = 1 A
IRGT I, IRGT III
VGM = 6 V
VGD = 0.1 V
VGT
IFGT I, IRGT I, IRGT III
3
2
7
5
7
5
3
2
7
5
3
2
101
100
10–1
–60 –40–20 0 20 40 60 80 100120 140160
2 3 57101
100
23 5 7 102 23 5 7 103
103
7
5
3
2
7
5
3
2
102
101
3.8
0.6
1.4
2.2
3.0
1.0
1.8
2.6
3.4
102
101
100
10–1
5
7
2
3
5
7
2
3
5
7
2
3
10
0
5
4
3
2
1
6
7
8
9
100
101
102
37
25
3
7
25
Tj = 25°C
VRGT III
–60 –40–20 0 20 40 60 80 100120 140 160
103
7
5
3
2
7
5
3
2
102
101
103
10–1
7
5
3
2
102
7
5
3
2
101
7
5
3
2
100
7
5
3
2
23 5 7
2 3 57
2 3 57
23 5 7
104
102
101
105
103
Maximum On-State Characteristics
On-State Voltage (V)
Rated Surge On-State Current
Conduction Time (Cycles at 60 Hz)
Gate Characteristics (II and III)
Gate Current (mA)
Gate Trigger Voltage vs.
Junction Temperature
Junction Temperature (°C)
Gate Trigger Current vs.
Junction Temperature
Junction Temperature (°C)
Maximum Transient Thermal Impedance
Characteristics (Junction to ambient)
Conduction Time (Cycles at 60 Hz)
Typical Example
Typical Example
(
)
Natural Convection
No Fins
Print Board
t = 1.6 mm
Solder Land :
φ2 mm
VFGT I, VRGT I



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com