Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC22200YML Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MIC22200YML
Description  2A Integrated Switch Synchronous Buck Regulator with Frequency Programmable from 800kHz to 4MHz
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22200YML Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MIC22200YML Datasheet HTML 9Page - Micrel Semiconductor MIC22200YML Datasheet HTML 10Page - Micrel Semiconductor MIC22200YML Datasheet HTML 11Page - Micrel Semiconductor MIC22200YML Datasheet HTML 12Page - Micrel Semiconductor MIC22200YML Datasheet HTML 13Page - Micrel Semiconductor MIC22200YML Datasheet HTML 14Page - Micrel Semiconductor MIC22200YML Datasheet HTML 15Page - Micrel Semiconductor MIC22200YML Datasheet HTML 16Page - Micrel Semiconductor MIC22200YML Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Micrel, Inc.
MIC22200
December 2010
13
M9999-120310-C
DELAY Pin
The DELAY pin also has a 1µA trimmed current source
and a 1µA current sink which acts with an external
capacitor to delay the operation of the POR output. This
can be used also in sequencing outputs in a sequenced
system, but with the addition of a conditional delay
between supplies; allowing a first up, last down power
sequence.
After EN/DLY pin is driven high, VOUT will start to rise
(rate determined by RC capacitor). As the FB voltage
goes above 90% of its nominal set voltage, DELAY pin
begins to rise as the 1µA source charges the external
capacitor. When the threshold of 1.24V is crossed, POR
is asserted high and DELAY pin continues to charge to a
voltage VDD. When FB falls below 90% of nominal, POR
is asserted low immediately. However, if EN/DLY pin is
driven low, POR will fall immediately to the low state and
DELAY pin will begin to fall as the external capacitor is
discharged by the 1µA current sink. When the threshold
of VDD -1.24V is crossed, VOUT will begin to fall at a rate
determined by the RC capacitor. As the voltage change
in both cases is 1.24V, both rising and falling delays are
matched at
6
1.10
C
1.24
T
DELAY
POR
−
×
=
.
RC Pin
The RC pin provides a trimmed 1µA current source/sink
similar to the DELAY pin for accurate ramp up (soft start)
and ramp down control. This allows the MIC22200 to be
used in systems requiring voltage tracking or ratio-metric
voltage tracking at startup.
There are two ways of using the RC pin:
•
Externally driven from a voltage source
•
Externally attached capacitor sets output ramp
up/down rate
In the first case, driving RC with a voltage from 0V to
VREF will program the output voltage between 0 and
100% of the nominal set voltage.
In the second case, the external capacitor sets the ramp
up and ramp down time of the output voltage. The time
is given by
6
1.10
C
0.7
T
RC
RAMP
−
×
=
where TRAMP is the time
from 0 to 100% nominal output voltage.
Sequencing and Tracking Examples
There are four distinct variations which are easily
implemented using the MIC22200. The two sequencing
variations are Windowed and Delayed. The two tracking
variants are Normal and Ratio Metric. Figures 5 thru 10
illustrate methods for connecting two MIC22200’s to
achieve these requirements.
Sequencing
:
Figure 4. Sequencing MIC22200 Circuit
Figure 5. Window Sequencing Example
Figure 6. Delayed Sequencing Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com