Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2J20751NP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R2J20751NP
Description  Peak Current Mode Synchronous Buck Controller with Power MOS FETs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2J20751NP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R2J20751NP Datasheet HTML 1Page - Renesas Technology Corp R2J20751NP Datasheet HTML 2Page - Renesas Technology Corp R2J20751NP Datasheet HTML 3Page - Renesas Technology Corp R2J20751NP Datasheet HTML 4Page - Renesas Technology Corp R2J20751NP Datasheet HTML 5Page - Renesas Technology Corp R2J20751NP Datasheet HTML 6Page - Renesas Technology Corp R2J20751NP Datasheet HTML 7Page - Renesas Technology Corp R2J20751NP Datasheet HTML 8Page - Renesas Technology Corp R2J20751NP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
R2J20751NP
Preliminary
R07DS0240EJ0100 Rev.1.00
Page 2 of 25
Jan 26, 2011
Application Circuit Example
SW
TRK-SS
FB
EO/CO
VIN (3.3V to 27V)
VOUT (1.5V)
Controller Chip
PGOOD
REFIN
VCIN (4.5V to 5.5V)
VCIN
SGND
ON/OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com