Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC61300 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC61300
Description  Low Input Voltage, Single-Supply High-Current LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC61300 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC61300 Datasheet HTML 1Page - Micrel Semiconductor MIC61300 Datasheet HTML 2Page - Micrel Semiconductor MIC61300 Datasheet HTML 3Page - Micrel Semiconductor MIC61300 Datasheet HTML 4Page - Micrel Semiconductor MIC61300 Datasheet HTML 5Page - Micrel Semiconductor MIC61300 Datasheet HTML 6Page - Micrel Semiconductor MIC61300 Datasheet HTML 7Page - Micrel Semiconductor MIC61300 Datasheet HTML 8Page - Micrel Semiconductor MIC61300 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Micrel, Inc.
MIC61300
September 2010
4
M9999-092910-A
Electrical Characteristics(5) (Continued)
VIN = VOUT + 0.4V; VEN = 1.1V; IOUT = 10mA; CCP = 0.1µF; COUT = 47µF; TJ = 25°C. Bold values indicate –40°C ≤ TJ ≤ +125°C, unless
noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Enable Input
EN Logic Level High
1.1
0.6
V
EN Logic Level Low
0.5
0.2
V
EN Hysteresis
100
mV
VEN = 0.2V (Regulator Shutdown)
0.02
EN Pin Current
VEN = 3.6V (Regulator Enabled)
15
µA
Start-Up Time
CCP = 0.1µF; COUT = 10µF
VIN = 1.2V, VOUT = 0.5V
250
750
µs
Minimum Load Current
Minimum Load Current
10
mA
Thermal Protection
Over-Temperature Shutdown
TJ Rising
160
°C
Over-Temperature Shutdown
Hysteresis
5
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com