Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC39102YM Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC39102YM
Description  1A Low-Voltage Low-Dropout Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39102YM Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC39102YM Datasheet HTML 2Page - Micrel Semiconductor MIC39102YM Datasheet HTML 3Page - Micrel Semiconductor MIC39102YM Datasheet HTML 4Page - Micrel Semiconductor MIC39102YM Datasheet HTML 5Page - Micrel Semiconductor MIC39102YM Datasheet HTML 6Page - Micrel Semiconductor MIC39102YM Datasheet HTML 7Page - Micrel Semiconductor MIC39102YM Datasheet HTML 8Page - Micrel Semiconductor MIC39102YM Datasheet HTML 9Page - Micrel Semiconductor MIC39102YM Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MIC39100/39101/39102
Micrel
M9999-082505
6
August 2005
0
10
20
30
40
50
0
2
4
6
8
SUPPLY VOLTAGE (V)
G round C urrent
vs . S upply V oltage (3.3V )
ILOAD =1A
0
0.2
0.4
0.6
0.8
1.0
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
G round C urrent
vs . T emperature
3.3V
ILOAD =10mA
2.5V
1.8V
0
5
10
15
20
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
G round C urrent
vs . T emperature
3.3V
2.5V
I
LOAD = 1A
1.8V
3.20
3.25
3.30
3.35
3.40
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
Output V oltage
vs . Temperature
T ypical 3.3V
Device
0
0.5
1.0
1.5
2.0
2.5
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
S hort C ircuit
vs . T emperature
3.3V
2.5V
1.8V
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
G round C urrent
vs . T emperature
3.3V
2.5V
I
LOAD = 500mA
1.8V
0
1
2
3
4
5
6
0.01 0.1
1
10
100 1000 10000
RESISTANCE (k
Ω)
E rror F lag
P ull-Up R es is tor
V
IN = 5V
F LAG HIG H
(OK )
F LAG LOW
(F AULT )
0
2
4
6
8
10
12
-40 -20 0 20 40 60 80 100 120 140
TEMPERATURE (°C)
E nable C urrent
vs . T emperature
V
IN = V OUT + 1V
V
E N = 2.4V
0
50
100
150
200
250
-40 -20 0 20 40 60 80 100 120 140
TEMPERATURE (°C)
F lag-L ow V oltage
vs . T emperature
V
IN = 2.25V
R
P ULL-UP = 22kΩ
F LAG -LOW
V OLT AG E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com