Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY56017R Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY56017R
Description  Low Voltage 1.2V/1.8V/2.5V CML 2:1 MUX 6.4Gbps with Equalization
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY56017R Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY56017R Datasheet HTML 1Page - Micrel Semiconductor SY56017R Datasheet HTML 2Page - Micrel Semiconductor SY56017R Datasheet HTML 3Page - Micrel Semiconductor SY56017R Datasheet HTML 4Page - Micrel Semiconductor SY56017R Datasheet HTML 5Page - Micrel Semiconductor SY56017R Datasheet HTML 6Page - Micrel Semiconductor SY56017R Datasheet HTML 7Page - Micrel Semiconductor SY56017R Datasheet HTML 8Page - Micrel Semiconductor SY56017R Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Micrel, Inc.
SY56017R
July 2008
2
M9999-070308-A
hbwhelp@micrel.com or (408) 955-1690
Ordering Information
(1)
Part Number
Package
Type
Operating
Range
Package Marking
Lead
Finish
SY56017RMG
QFN-16
Industrial
R017 with Pb-Free
bar-line indicator
NiPdAu
Pb-Free
SY56017RMGTR
(2)
QFN-16
Industrial
R017 with Pb-Free
bar-line indicator
NiPdAu
Pb-Free
Notes:
1. Contact factory for die availability. Dice are guaranteed at TA = 25°C, DC Electricals only.
2. Tape and Reel.
Pin Configuration
16-Pin QFN
Truth Table
SEL
OUTPUT
0
IN0 Input Selected
1
IN1 Input Selected
EQ
EQUALIZATION
LOW
27 “
FLOAT
18”
HIGH
9”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com