Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1322 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXLD1322
Description  BUCK/BOOST MODE DC-DC CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1322 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXLD1322 Datasheet HTML 1Page - Diodes Incorporated ZXLD1322 Datasheet HTML 2Page - Diodes Incorporated ZXLD1322 Datasheet HTML 3Page - Diodes Incorporated ZXLD1322 Datasheet HTML 4Page - Diodes Incorporated ZXLD1322 Datasheet HTML 5Page - Diodes Incorporated ZXLD1322 Datasheet HTML 6Page - Diodes Incorporated ZXLD1322 Datasheet HTML 7Page - Diodes Incorporated ZXLD1322 Datasheet HTML 8Page - Diodes Incorporated ZXLD1322 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ZXLD1322
ZXLD1322
Document number: DS32166 Rev. 3 - 2
5 of 17
www.diodes.com
April 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Electrical Characteristics (Test conditions: VIN = 4V, TAMB = 25°C unless otherwise stated
(a)
)
DC-DC Converter Supply Parameters
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VIN
Supply Voltage
Normal Operation
2.5
15
V
VIN(Start)
Supply voltage for start-up(b)
Start-up mode
1.2
2.4
V
VUV-
Under-voltage detection threshold
normal operation to start-up mode
VIN falling
1.8
V
VUV+
Under-voltage detection threshold
start-up mode to normal operation
VIN rising
2.2
V
Iq
Quiescent Current
Measured into VIN ADJ pin floating.
Excluding switch base current).
1.5
mA
ISTBY
Standby Current
Measured into VIN. ADJ pin grounded
12
20
µA
VREF
Internal Reference Voltage
ADJ pin floating
2.5V<VIN<15V
480
500
520
mV
TCO(REF)
Internal Reference Temperature
Coefficient
50
ppm/K
Notes:
(a) Production testing of the device is performed at 25°C. Functional operation of the device and parameters specified from -40°C to +125°C are
guaranteed by design, characterization and process control.
(b) Between 1.2V and 2.2V the device will run in the Low Voltage Startup Mode (for details refer to section "Low Voltage Operation")
DC-DC Converter Input Parameters
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VSENSE
Peak switch current sense voltage
Measured on ISENSE pin CFB pin
at 0V
45
55
65
mV
VSENSE
(SU)
Peak switch current sense voltage in
start-up mode
Measured on ISENSE pin. Start-up
mode VIN = 1.2V
10.5
mV
ISENSE
Sense input current
Measured into ISENSE with pin at
0V. CFB pin at 0V
-15
-7
-1
µA
CFB
Control loop compensation capacitor
10
VADJ
External DC control voltage applied to
ADJ pin to adjust output current
DC brightness control mode
50
500
mV
VADJ(th)
Switching threshold of ADJ pin
Standby state to normal operation
26
28
30
mV
TCO
(VADJ)
Temperature coefficient of VADJ(th)
+0.3
%/K
RADJ
Internal resistor between VREF and
ADJ
VADJ<550mV
100
k
Ω
VADJ
(CLMP)
Clamp voltage on ADJ pin
100
μA injected into ADJ pin
575
mV
DC-DC Converter Output Parameters
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
Toff(100)
Discharge pulse width
100% Output current
0.7
1.2
1.7
µs
Toff(10)
Discharge pulse width
10% Output current
4
8
12
µs
fLXMAX
Maximum operating frequency
600
KHz
fSU
Switching frequency in start-up mode
VIN = 1.2V
50
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com