Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1356 Datasheet(PDF) 23 Page - Diodes Incorporated

Part # ZXLD1356
Description  60V 550mA LED DRIVER with AEC-Q100
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1356 Datasheet(HTML) 23 Page - Diodes Incorporated

Back Button ZXLD1356 Datasheet HTML 19Page - Diodes Incorporated ZXLD1356 Datasheet HTML 20Page - Diodes Incorporated ZXLD1356 Datasheet HTML 21Page - Diodes Incorporated ZXLD1356 Datasheet HTML 22Page - Diodes Incorporated ZXLD1356 Datasheet HTML 23Page - Diodes Incorporated ZXLD1356 Datasheet HTML 24Page - Diodes Incorporated ZXLD1356 Datasheet HTML 25Page - Diodes Incorporated ZXLD1356 Datasheet HTML 26Page - Diodes Incorporated ZXLD1356 Datasheet HTML 27Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
ZXLD1356
ZXLD1356
Document number: DS33470 Rev. 3 - 2
23 of 29
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Application Information (Continued)
Diode selection
For maximum efficiency and performance, the rectifier (D1) should be a fast low capacitance Schottky diode* with low reverse
leakage at the maximum operating voltage and temperature.
They also provide better efficiency than silicon diodes, due to a combination of lower forward voltage and reduced recovery time.
It is important to select parts with a peak current rating above the peak coil current and a continuous current rating higher than
the maximum output load current. It is very important to consider the reverse leakage of the diode when operating above 85°C.
Excess leakage will increase the power dissipation in the device and if close to the load may create a thermal runaway condition.
The higher forward voltage and overshoot due to reverse recovery time in silicon diodes will increase the peak voltage on the LX
output. If a silicon diode is used, care should be taken to ensure that the total voltage appearing on the LX pin including supply
ripple, does not exceed the specified maximum value.
*A suitable Schottky diode would be B1100B (Diodes Inc).
Reducing Output Ripple
Peak to peak ripple current in the LED(s) can be reduced, if required, by shunting a capacitor, Cled, across the LED(s) as shown
below:
A value of 1µF will reduce the supply ripple current by a factor three (approx.). Proportionally lower ripple can be achieved with
higher capacitor values. Note that the capacitor will not affect operating frequency or efficiency, but it will increase start-up delay,
by reducing the rate of rise of LED voltage.
By adding this capacitor the current waveform through the LED(s) changes from a triangular ramp to a more sinusoidal version
without altering the mean current value.
Operation at low supply voltage
Below the under-voltage lockout threshold (VSD) the drive to the output transistor is turned off to prevent device operation with
excessive on-resistance of the output transistor. The output transistor is not full enhanced until the supply voltage exceeds
approximately 17V. At supply voltages between VSD and 17V care must be taken to avoid excessive power dissipation due to the
on-resistance.
Note that when driving loads of two or more LEDs, the forward drop will normally be sufficient to prevent the device from
switching below approximately 6V. This will minimize the risk of damage to the device.
VIN
VIN
ISENSE
LX
ZXLD1356
Rs
L1
Cled
LED
D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com