Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1360 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXLD1360
Description  d30V 1A LED DRIVER with AEC-Q100
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1360 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZXLD1360 Datasheet HTML 5Page - Diodes Incorporated ZXLD1360 Datasheet HTML 6Page - Diodes Incorporated ZXLD1360 Datasheet HTML 7Page - Diodes Incorporated ZXLD1360 Datasheet HTML 8Page - Diodes Incorporated ZXLD1360 Datasheet HTML 9Page - Diodes Incorporated ZXLD1360 Datasheet HTML 10Page - Diodes Incorporated ZXLD1360 Datasheet HTML 11Page - Diodes Incorporated ZXLD1360 Datasheet HTML 12Page - Diodes Incorporated ZXLD1360 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ZXLD1360
ZXLD1360
Document number: DS33471 Rev. 3 - 2
9 of 25
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Operating Characteristics (Cont.)
0
510
15
20
25
30
35
Supply Voltage V
(V)
IN
ZXLD1360 Output C urrent
L = 47µH
1060
900
1040
1020
1000
980
960
940
920
8 LED s
7 LED s
6 LED s
5 LED s
4 LED s
3 LED s
2 LED s
1 LED
0
510
15
20
25
30
35
Supply Voltage V
(V)
IN
8 LED s
7 LED s
6 LED s
5 LED s
4 LED s
3 LED s
2 LED s
1 LED
ZXLD1360 Output C urrent
L = 47µH
10%
-10%
8%
6%
4%
2%
0%
-4%
-6%
-8%
-2%
0
510
15
20
25
30
35
Supply Voltage V
(V)
IN
8 LED s
7 LED s
6 LED s
5 LED s
4 LED s
3 LED s
2 LED s
1 LED
ZXLD1360 Switching Frequency
L = 47µH
600
500
400
300
200
100
0
0
510
15
20
25
30
35
Supply Voltage V
(V)
IN
8 LED s
7 LED s
6 LED s
5 LED s
4 LED s
3 LED s
2 LED s
1 LED
ZXLD1360 Duty Cycle
L = 47µH
100
0
90
80
70
60
50
30
20
10
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com