Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXLD1362 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXLD1362
Description  60V 1A LED DRIVER WITH AEC-Q100
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXLD1362 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZXLD1362 Datasheet HTML 5Page - Diodes Incorporated ZXLD1362 Datasheet HTML 6Page - Diodes Incorporated ZXLD1362 Datasheet HTML 7Page - Diodes Incorporated ZXLD1362 Datasheet HTML 8Page - Diodes Incorporated ZXLD1362 Datasheet HTML 9Page - Diodes Incorporated ZXLD1362 Datasheet HTML 10Page - Diodes Incorporated ZXLD1362 Datasheet HTML 11Page - Diodes Incorporated ZXLD1362 Datasheet HTML 12Page - Diodes Incorporated ZXLD1362 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ZXLD1362
ZXLD1362
Document number: DS33472 Rev. 2 - 2
9 of 28
www.diodes.com
December 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical Characteristics(Cont.)
ZXLD1362 Switching Frequency
L = 68µH
500
0
100
200
400
300
15 LED
13 LED
11 LED
9 LED
7 LED
5 LED
3 LED
1 LED
0
70
40
50
60
10
20
30
Supply Voltage (V)
15 LED
13 LED
11 LED
9 LED
7 LED
5 LED
3 LED
1 LED
0
70
40
50
60
10
20
30
Supply Voltage (V)
ZXLD1362 Duty Cycle
L = 68µH
0
100
10
90
20
80
30
70
40
60
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com