Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXMC3A16DN8 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMC3A16DN8
Description  COMPLEMENTARY 30V ENHANCEMENT MODE MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMC3A16DN8 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMC3A16DN8 Datasheet HTML 1Page - Diodes Incorporated ZXMC3A16DN8 Datasheet HTML 2Page - Diodes Incorporated ZXMC3A16DN8 Datasheet HTML 3Page - Diodes Incorporated ZXMC3A16DN8 Datasheet HTML 4Page - Diodes Incorporated ZXMC3A16DN8 Datasheet HTML 5Page - Diodes Incorporated ZXMC3A16DN8 Datasheet HTML 6Page - Diodes Incorporated ZXMC3A16DN8 Datasheet HTML 7Page - Diodes Incorporated ZXMC3A16DN8 Datasheet HTML 8Page - Diodes Incorporated ZXMC3A16DN8 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ZXMC3A16DN8
ISSUE 1 - OCTOBER 2005
2
PARAMETER
SYMBOL
VALUE
UNIT
Junction to Ambient
(a)(d)
RθJA
100
°C/W
Junction to Ambient
(b)(e)
RθJA
70
°C/W
Junction to Ambient
(b)(d)
RθJA
60
°C/W
THERMAL RESISTANCE
Notes
(a) For a dual device surface mounted on 25mm x 25mm FR4 PCB with coverage of single sided 1oz copper in still air conditions.
(b) For a dual device surface mounted on FR4 PCB measured at t
10 sec.
(c) Repetitive rating 25mm x 25mm FR4 PCB, D=0.02 pulse width=300µs - pulse width limited by maximum junction temperature.
(d) For a dual device with one active die.
(e) For dual device with 2 active die running at equal power.
PARAMETER
SYMBOL
N-Channel
P-Channel
UNIT
Drain-Source Voltage
VDSS
30
-30
V
Gate-Source Voltage
VGS
20
20
V
Continuous Drain Current@VGS=10V; TA=25 C
(b)(d)
@VGS=10V; TA=70 C
(b)(d)
@VGS=10V; TA=25 C
(a)(d)
ID
6.4
5.1
4.9
-5.4
-4.3
-4.1
A
A
A
Pulsed Drain Current
(c)
IDM
30
-25
A
Continuous Source Current (Body Diode)
(b)
IS
3.4
-3.2
A
Pulsed Source Current (Body Diode)
(c)
ISM
30
-25
A
Power Dissipation at TA=25°C
(a)(d)
Linear Derating Factor
PD
1.25
10
W
mW/°C
Power Dissipation at TA=25°C
(a)(e)
Linear Derating Factor
PD
1.8
14
W
mW/°C
Power Dissipation at TA=25°C
(b)(d)
Linear Derating Factor
PD
2.1
17
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com